Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 42Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
TC9205M
Preliminary Data Sheet
10.3.14
Port Mirroring Register
Confidential.
40/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03
- Address: 48h, 49h
PortMirrorReg
Source Port
not used
Destination port
not used
EnRxMirror
EnTxMirror
not used
not used
not used
7 6 5 4 3 2 1 0
15 14 13 12 11 10 9 8
Bit(s)
Field
Description
2 - 0
SourcePort
Source port(monitored port)
3
not used
not used
6 - 4
DestinationPort
Destination port(monitoring port)
7
not used
not used
8
EnRxMirror
Enable mirroring on receiving packets
9
EnTxMirror
Enable mirroring on transmitting packets
10
not used
not used
11
not used
not used
15 - 12
not used
not used
SourcePort
One of the eight ports of the switch that is intended for been monitored through port
mirroring feature. If enabled, the traffic on this port can be additionally forwarded to
the monitoring port. Only one port can be monitored at a time.
DestinationPort
One of the eight ports address’s of the switch that is intended to monitor one of the
other ports through port mirroring feature. This port will receive all traffic on the
mirror source port.
EnRxMirror
Setting this bit to ‘1’, the destination port will mirror all the source port’s incoming
traffic.
EnTxMirror
Setting this bit to ‘1’, the destination port will mirror all the source port’s outgoing
traffic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com