Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 35Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
TC9205M
Preliminary Data Sheet
10.3.9
IP Priority Mapping Register
Confidential.
36/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03
- Address: 3Fh, 40h
7 6 5 4 3 2 1 0
IPTosMapping
15 14 13 12 11 10 9 8
Tos0Class
Tos1Class
Tos2Class
Tos3Class
Tos4Class
Tos5Class
Tos6Class
Tos7Class
Bit(s)
Field
Description
1 - 0
Tos0Class
priority mapping for IP precedence 0
3 - 2
Tos1Class
priority mapping for IP precedence 1
5 - 4
Tos2Class
priority mapping for IP precedence 2
7 - 6
Tos3Class
priority mapping for IP precedence 3
9 - 8
Tos4Class
priority mapping for IP precedence 4
11 - 10
Tos5Class
priority mapping for IP precedence 5
13 - 12
Tos6Class
priority mapping for IP precedence 6
15 - 14
Tos7Class
priority mapping for IP precedence 7
Tos[x]Class
This field maps the IP priority level x found in the incoming frame to one of the four
priority classes. The table bellow shows the mapping.
Tos[x]Class
CoS
00
Class 0 priority
01
Class 1 priority
10
Class 2 priority
11
Class 3 priority
x ranges in the field 0 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com