Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TC9205M
Preliminary Data Sheet
1
Pin Listing (PBGA 292)
I
⇒ digital input
Is
⇒ schmitt trigger digital input
Ipd
⇒ digital input with internal pull down
I/O
⇒ digital bi-directional
I/Opd ⇒ digital bi-directional with internal pull down
I/Opu ⇒ digital bi-directional with internal pull up
O
⇒ digital output
P
⇒ power
G
⇒ ground
No.
Pin label
Type
Description
G4
Vdd 3.3
P
Digital +3.3V power supply for I/O
E4
Vss 3.3
G
Digital ground for I/O
J4
Vdd 3.3
P
Digital +3.3V power supply for I/O
F4
Vss 3.3
G
Digital ground for I/O
B15 Vss 3.3
P
H4
Vdd 2.0
P
Digital +2.0V power supply for core
B16 Vss 3.3
P
K4
Vss 2.0
G
Digital ground for core
M4
Vdd 3.3
P
Digital +3.3V power supply for I/O
R4
Vss 3.3
G
Digital ground for I/O
N4
Vdd 2.0
P
Digital +2.0V power supply for core
T4
Vss 2.0
G
Digital ground for core
P4
Vdd 3.3
P
Digital +3.3V power supply for I/O
C7
Vss 3.3
P
U5
Vss 3.3
G
Digital ground for I/O
B8
Vss 3.3
P
U7
Vdd 3.3
P
Digital +3.3V power supply for I/O
U6
Vss 3.3
G
Digital ground for I/O
U9
Vdd 3.3
P
Digital +3.3V power supply for I/O
H3
TxData0_7
O
GMII transmit data - bits 7
G1
TxData0_6
O
GMII transmit data - bits 6
G2
TxData0_5
O
GMII transmit data - bits 5
U10 Vss 3.3
G
Digital ground for I/O
G3
TxData0_4
O
GMII transmit data - bits 4
F1
TxData0_3
O
GMII/MII transmit data - bits 3
F2
TxData0_2
O
GMII/MII transmit data - bits 2
U12 Vdd 3.3
P
Digital +3.3V power supply for I/O
TxData0_1
GMII/MII transmit data - bit 1
F3
PriClass0_1
I/Opd
Priority class - most significant bit.
TxData0_0
GMII/MII transmit data - least significant bit
E1
PriClass0_0
I/Opu
Priority class - least significant bit. Sets priority level per port basis.
PriClass[0] - '00' - port 0 has low priority
PriClass[0] - '01' - port 0 has normal priority
PriClass[0] - '10' - port 0 has high priority
PriClass[0] - '11' - port 0 has very high priority
PriClass[0] is latched on reset
H2
TxEn0
O
GMII/MII transmit enable
Confidential.
6/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com