Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5072ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADP5072
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
PVIN, AVIN
−0.3 V to +6V
SW1
−0.3 V to +40 V
SW2
PVIN − 40 V to PVIN + 0.3 V
PGND, AGND
−0.3 V to +0.3 V
EN1, EN2, FB1, FB2, SYNC,
−0.3 V to +6 V
COMP1, COMP2, SLEW, SS,
SEQ, VREF
−0.3 V to AVIN + 0.3 V
Operating Junction
Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance. ψJT is the junction to
case thermal characterization parameter.
Table 4. Thermal Resistance
Package Type
θJA
θJC
ΨJT
Unit
CB-20-141, 2
50
0.54
0.13
C/W
1
θJA and ΨJT are based on a 4-layer printed circuit board (PCB) (two signal and
two power planes) with nine thermal vias connecting the exposed pad to the
ground plane as recommended in the Layout Considerations section. θJC is
measured at the top of the package and is independent of the PCB. The ΨJT
value is more appropriate for calculating junction to case temperature in the
application.
2
The thermal resistance values specified in Table 4 are simulated based on
JEDEC specifications, unless specified otherwise, and must be used in
compliance with JESD51-12.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com