Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP5072
Rev. 0 | Page 15 of 24
To configure the simultaneous enable mode, connect the SEQ pin
to the PVIN pin. Both regulators power up simultaneously
when the EN2 pin is taken high. The EN1 pin enable can be
used to enable the internal references ahead of enabling the
outputs, if desired. The simultaneous enable mode timing is
shown in Figure 41.
VIN
VPOS
TIME
VNEG
SIMULTANEOUS ENABLE MODE
(SEQ = HIGH, EN2 = HIGH)
Figure 41. Simultaneous Enable Mode
To configure the sequential enable mode, pull the SEQ pin low.
In this mode, either VPOS or VNEG can be enabled first by using
the EN1 pin or EN2 pin. Keep the other pin low. The secondary
supply is enabled when the primary supply completes soft start and
its feedback voltage reaches approximately 85% of the target
value. The sequential enable mode timing is shown in Figure 42.
TIME
TIME
VPOS
VNEG
VPOS
VNEG
1. VPOS FOLLOWED BY VNEG
(SEQ = LOW, EN1 = HIGH, EN2 = LOW)
2. VNEG FOLLOWED BY VPOS
(SEQ = LOW, EN2 = HIGH, EN1 = LOW)
VIN
VIN
Figure 42. Sequential Enable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com