Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADP5072
Rev. 0 | Page 23 of 24
LAYOUT CONSIDERATIONS
Layout is important for all switching regulators but is particularly
important for regulators with high switching frequencies. To
achieve high efficiency, proper regulation, stability, and low
noise, a well designed PCB layout is required. Follow these
guidelines when designing PCBs (see Figure 48):
Keep the input bypass capacitor, CIN, close to the PVIN pin
and the AVIN pin.
Keep the high current paths as short as possible. These
paths include the connections between the following:
CIN, L1, D1, COUT1, and PGND for the boost
regulator, the connections
L2, D2, COUT2, and PGND for the inverting
regulator
The connections of these components for both the
boost and inverting regulators to the ADP5072.
Keep AGND and PGND separate on the top layer of the
board. This separation avoids pollution of AGND with
switching noise. Connect both AGND and PGND to the
board ground plane with vias. Ideally, connect PGND to the
plane at a point between the input and output capacitors.
Keep high current traces as short and wide as possible to
minimize parasitic series inductance, which causes spiking
and EMI.
Avoid routing high impedance traces near any node con-
nected to the SW1 and SW2 pins or near Inductors L1and
L2 to prevent radiated switching noise injection.
Place the feedback resistors as close to the FB1 and FB2 pins as
possible to prevent high frequency switching noise injection.
Place the top of the upper feedback resistors, RFT1 and RFT2,
as close as possible to the top of COUT1 and COUT2 for
optimum output voltage sensing, or route traces to the RFT1
and RFT2 resistors as close as possible from the top of
COUT1 and COUT2.
Place the compensation components as close as possible
to COMP1 and COMP2. Do not share vias to the ground
plane with the feedback resistors to avoid coupling high
frequency noise into the sensitive COMP1 and COMP2 pins.
Place the CVREF capacitor as close to the VREF pin as
possible. Ensure that short traces are used between VREF
and RFB2.
Figure 48. Suggested Layout for VIN = 3.3 V, VPOS = 12 V, ILOAD1 = 100 mA and
VNEG = −3.2 V, ILOAD2 = 60 mA; Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com