Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP5072
Data Sheet
Rev. 0 | Page 18 of 24
For the inductor ripple current in continuous conduction mode
(CCM) operation, the input (VIN) and output (VPOS) voltages
determine the switch duty cycle (DUTY1) by the following
equation:
DIODE1
POS
IN
1
POS
DIODE1
V
VV
DUTY
VV

−+
= 

+

where VDIODE1 is the forward voltage drop of the Schottky diode
(D1).
The dc input current in CCM (IIN) can be determined by the
following equation:
(1
)
OUT1
IN
1
I
I
DUTY
=
−
Using the duty cycle (DUTY1) and switching frequency (fSW),
determine the on time (tON1) using the following equation:
1
ON1
SW
DUTY
t
f
=
The inductor ripple current (∆IL1) in steady state is calculated by
IN
ON1
L1
Vt
I
L1
×
∆ =
Solve for the inductance value (L1) using the following equation:
IN
ON1
L1
Vt
L1
I
×
=
∆
Assuming an inductor ripple current of 30% of the maximum
dc input current results in
(1
)
0.3
1
IN
ON1
OUT1
V
t
DUTY
L1
I
×
× −
=
×
Ensure that the peak inductor current (the maximum input
current plus half the inductor ripple current) is less than the
rated saturation current of the inductor. Likewise, ensure that
the maximum rated rms current of the inductor is greater than
the maximum dc input current to the regulator.
When the ADP5072 boost regulator is operated in CCM at duty
cycles greater than 50%, slope compensation is required to stabilize
the current mode loop. This slope compensation is built in to
the ADP5072. For stable current mode operation, ensure that
the selected inductance is equal to or greater than the minimum
calculated inductance, LMIN1, for the application parameters in
the following equation:
0.13
0.16
(1
)
MIN1
IN
1
L1 L
V
DUTY

>=
×
−


−

(µH)
Table 10 suggests a series of inductors to use with the ADP5072
boost regulator.
Inductor Selection for the Inverting Regulator
The inductor stores energy during the on time of the power
switch, and transfers that energy to the output through the
output rectifier during the off time. To balance the tradeoffs
between small inductor current ripple and efficiency, inductance
values in the range of 1 µH to 22 µH are recommended. In
general, lower inductance values have higher saturation current
and lower series resistance for a given physical size. However,
lower inductance results in a higher peak current that can lead
to reduced efficiency and greater input and/or output ripple and
noise. A peak-to-peak inductor ripple current close to 30% of
the maximum dc current in the inductor typically yields an
optimal compromise.
For the inductor ripple current in continuous conduction mode
(CCM) operation, the input (VIN) and output (VNEG) voltages
determine the switch duty cycle (DUTY2) by the following
equation:
||
||
DIODE2
NEG
2
DIODE2
IN
NEG
VV
DUTY
VV
V
+
= 
++
where VDIODE2 is the forward voltage drop of the Schottky diode
(D2).
The dc current in the inductor in CCM (IL2) can be determined
by the following equation:
(1
)
OUT2
L2
2
I
I
DUTY
=
−
Using the duty cycle (DUTY2) and switching frequency (fSW),
determine the on time (tON2) by the following equation:
2
ON2
SW
DUTY
t
f
=
The inductor ripple current (∆IL2) in steady state is calculated by
IN
ON2
L2
Vt
I
L2
×
∆=
Solve for the inductance value (L2) by the following equation:
IN
ON2
L2
Vt
L2
I
×
=
∆
Assuming an inductor ripple current of 30% of the maximum
dc current in the inductor results in
(1
)
0.3
IN
ON2
2
OUT2
V
t
DUTY
L2
I
×
×−
=
×
Ensure that the peak inductor current (the maximum input current
plus half the inductor ripple current) is less than the rated
saturation current of the inductor. Likewise, ensure that the
maximum rated rms current of the inductor is greater than the
maximum dc input current to the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com