Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP5072
Data Sheet
Rev. 0 | Page 10 of 24
0.2
0.1
0
–0.1
–0.2
0
0.12
INVERTING REGULATOR LOAD (A)
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.11
Figure 21. Cross Regulation, Boost Regulator VFB1 Regulation, VIN = 5 V,
VPOS = 15 V, VNEG = −15 V, fSW = 2.4 MHz, TA = 25°C, Boost Regulator Run in
Continuous Conduction Mode with Fixed Load for Test
1.30
1.00
2.5
5.5
VIN (V)
3.0
3.5
4.0
4.5
5.0
TA = +125°C
TA = +25°C
TA = –40°C
1.05
1.10
1.15
1.20
1.25
Figure 22. Boost Regulator Current Limit (ILIMIT) vs. Input Voltage (VIN)
over Temperature
2.54
2.24
2.5
5.5
VIN (V)
2.29
2.34
2.39
2.44
2.49
3.0
3.5
4.0
4.5
5.0
TA = +125°C
TA = +25°C
TA = –40°C
Figure 23. Oscillator Frequency vs. Input Voltage (VIN) over Temperature,
SYNC Pin = High
0.2
0.1
0
–0.1
–0.2
0
0.12
BOOST REGULATOR LOAD (A)
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.11
Figure 24. Cross Regulation, Inverting Regulator VFB2 Regulation,
VIN = 5 V, VPOS = 15 V, VNEG = −15 V, fSW = 2.4 MHz, TA = 25°C, Inverting
Regulator Run in Continuous Conduction Mode with Fixed Load for Test
0.75
0.60
2.5
5.5
VIN (V)
0.63
0.66
0.69
0.72
3.0
3.5
4.0
4.5
5.0
TA = +125°C
TA = +25°C
TA = –40°C
Figure 25. Inverting Regulator Current Limit (ILIMIT) vs. Input Voltage (VIN)
over Temperature
1.27
1.13
2.5
5.5
VIN (V)
1.15
1.17
1.19
1.21
1.23
1.25
3.0
3.5
4.0
4.5
5.0
TA = +125°C
TA = +25°C
TA = –40°C
Figure 26. Oscillator Frequency vs. Input Voltage (VIN) over Temperature,
SYNC Pin = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com