Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP5072
Data Sheet
Rev. 0 | Page 22 of 24
Table 10. Recommended Boost Regulator Small Sized Components
VIN
(V)
VPOS
(V)
ILOAD1(MAX)
(mA)
Freq.
(MHz)
L1
(µH)
L1 Manufacturer Part No.
(Coilcraft)
COUT1
(µF)
COUT1, Murata Part No.
D1
RFT1
(MΩ)
RFB1
(kΩ)
CC1
(nF)
RC1
(kΩ)
3.3
5
340
1.2
3.3
EPL2014-332ML_
10
GRM21BR71A106KA73L
PMEG2005AELD
0.604
115
0.82
15.8
3.3
5
360
2.4
2.2
EPL2014-222ML_
10
GRM21BR71A106KA73L
PMEG2005AELD
0.604
115
0.47
29.4
3.3
9
180
1.2
4.7
EPL2014-472ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
1.2
26.1
3.3
9
200
2.4
3.3
EPL2014-332ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.82
17.4
3.3
15
100
1.2
4.7
EPL2014-472ML_
10
GRM31CR71E106MA12L
PD3S140
2.43
137
1.5
14.3
3.3
15
110
2.4
4.7
EPL2014-472ML_
10
GRM31CR71E106MA12L
PD3S140
2.43
137
1.2
16.9
3.3
24
50
1.2
6.8
EPL2014-682ML_
10
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.8
28.7
3.3
24
55
2.4
6.8
EPL2014-682ML_
10
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.8
16.2
5
9
140
1.2
3.3
EPL2014-332ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.56
16.9
5
9
280
2.4
2.2
EPL2014-222ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.24
121
0.39
18.7
5
15
110
1.2
4.7
EPL2014-472ML_
10
GRM31CR71E106MA12L
PD3S140
2.43
137
1
18.2
5
15
170
2.4
3.3
EPL2014-332ML_
10
GRM31CR71E106MA12L
PD3S140
2.43
137
0.56
20.5
5
24
50
1.2
10
EPL2014-103ML_
10
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.8
15.8
5
24
80
2.4
6.8
EPL2014-682ML_
10
GRM32ER7YA106MA12L
PD3S140
3.09
107
1.2
10
5
34
40
1.2
10
EPL2014-103ML_
10
GRM32ER71H106KA12L
PD3S140
4.22
102
1.5
25.5
5
34
45
2.4
8.2
EPL2014-822ML_
10
GRM32ER71H106KA12L
PD3S140
4.22
102
1.2
18.2
Table 11. Recommended Inverting Regulator Small Sized Components
VIN
(V)
VNEG
(V)
ILOAD2(MAX)
(mA)
Freq.
(MHz)
L2
(µH)
L2 Manufacturer Part No.
(Coilcraft)
COUT2
(µF)
COUT2, Murata Part No.
D2
RFT2
(MΩ)
RFB2
(kΩ)
CC2
(nF)
RC2
(kΩ)
3.3
−5
120
1.2
6.8
EPL2014-682ML_
10
GRM21BR71A106KA73L
PMEG2005AELD
1.15
158
8.2
7.5
3.3
−5
130
2.4
4.7
EPL2014-472ML_
10
GRM21BR71A106KA73L
PMEG2005AELD
1.15
158
3.3
10.5
3.3
−9
70
1.2
4.7
EPL2014-472ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
3.9
8.06
3.3
−9
90
2.4
4.7
EPL2014-472ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
1.8
8.06
3.3
−15
50
1.2
8.2
EPL2014-822ML_
10
GRM31CR71E106MA12L
PD3S140
2.32
118
3.3
10.5
3.3
−15
55
2.4
6.8
EPL2014-682ML_
10
GRM31CR71E106MA12L
PD3S140
2.32
118
2.2
8.25
3.3
−24
30
1.2
10
EPL2014-103ML_
10
GRM32ER7YA106MA12L
PD3S140
3.16
102
3.3
10.5
3.3
−24
30
2.4
6.8
EPL2014-682ML_
10
GRM32ER7YA106MA12L
PD3S140
3.16
102
1.5
14.3
5
−9
90
1.2
8.2
EPL2014-822ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
5.6
4.87
5
−9
120
2.4
6.8
EPL2014-682ML_
10
GRM21BZ71C106KE15L
PMEG2005AELD
1.62
133
2.2
10
5
−15
60
1.2
8.2
EPL3015-822ML_
10
GRM31CR71E106MA12L
PD3S140
2.32
118
4.7
10
5
−15
80
2.4
8.2
EPL2014-822ML_
10
GRM31CR71E106MA12L
PD3S140
2.32
118
1.8
13.3
5
−24
40
1.2
10
EPL3015-103ML_
10
GRM32ER7YA106MA12L
PD3S140
3.16
102
4.7
10
5
−24
50
2.4
10
EPL2014-103ML_
10
GRM32ER7YA106MA12L
PD3S140
3.16
102
2.2
7.15
5
−30
30
1.2
10
EPL3015-103ML_
10
GRM32ER71H106KA12L
PD3S140
4.99
75
3.9
15.8
5
−30
35
2.4
8.2
EPL2014-822ML_
10
GRM32ER71H106KA12L
PD3S140
4.99
75
1.2
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com