Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP5072
Data Sheet
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
PVIN
AVIN
EN2
AGND
COMP2
SW2
PVIN
SYNC
SLEW
FB2
SW1
SW1
SEQ
SS
VREF
PGND
PGND
EN1
FB1
COMP1
1
2
3
4
Figure 2. Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, B2
PVIN
Power Input for the Boost Regulator.
A2
SW2
Switching Node for the Inverting Regulator.
A3, B3
SW1
Switching Node for the Boost Regulator.
A4, B4
PGND
Power Ground for the Boost Regulator.
B1
AVIN
System Power Supply for the ADP5072.
C1
EN2
Inverting Regulator Precision Enable. The EN2 pin is compared to an internal precision reference to enable
the inverting regulator output.
C2
SYNC
Frequency Setting and Synchronization Input. To set the switching frequency to 2.4 MHz, pull the SYNC pin high.
To set the switching frequency to 1.2 MHz, pull the SYNC pin low. To synchronize the switching frequency,
connect the SYNC pin to an external clock.
C3
SEQ
Start-Up Sequence Control. For manual VPOS/VNEG startup using an individual precision enabling pin, ENx,
leave the SEQ pin open. For simultaneous VPOS/VNEG startup when the EN2 pin rises, connect the SEQ pin to
PVIN (the EN1 pin can be used to enable the internal references early, if required). For a sequenced startup, pull the
SEQ pin low. Either EN1 or EN2 can be used, and the corresponding supply is the first in sequence. Hold the
other enable pin low.
C4
EN1
Boost Regulator Precision Enable. The EN1 pin is compared to an internal precision reference to enable the
boost regulator output.
D1
AGND
Analog Ground.
D2
SLEW
Driver Stage Slew Rate Control. The SLEW pin sets the slew rate for the SW1 and SW2 drivers. For the fastest
slew rate (optimal efficiency), leave the SLEW pin open. For normal slew rate, connect the SLEW pin to PVIN.
For the slowest slew rate (optimal noise performance), connect the SLEW pin to AGND.
D3
SS
Soft Start Programming. Leave the SS pin open to obtain the fastest soft start time. To program a slower soft
start time, connect a resistor between the SS pin and AGND.
D4
FB1
Feedback Input for the Boost Regulator. Connect a resistor divider between the positive side of the boost
regulator output capacitor and AGND to program the output voltage.
E1
COMP2
Error Amplifier Compensation for the Inverting Regulator. Connect the compensation network between this
pin and AGND.
E2
FB2
Feedback Input for the Inverting Regulator. Connect a resistor divider between the negative side of the
inverting regulator output capacitor and VREF to program the output voltage.
E3
VREF
Inverting Regulator Reference Output. Connect a 1.0 µF ceramic filter capacitor between the VREF pin and AGND.
E4
COMP1
Error Amplifier Compensation for the Boost Regulator. Connect the compensation network between this pin
and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com