Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5072ACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5072ACBZ-R7
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072ACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5072ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP5072ACBZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP5072
Data Sheet
Rev. 0 | Page 16 of 24
APPLICATIONS INFORMATION
COMPONENT SELECTION
Feedback Resistors
The ADP5072 provides an adjustable output voltage for both boost
and inverting regulators. An external resistor divider sets the output
voltage where the divider output must equal the appropriate
feedback reference voltage, VFB1 or VFB2. To limit the output voltage
accuracy degradation due to feedback bias current, ensure that the
current through the divider is at least 10 times IFB1 or IFB2.
Set the positive output for the boost regulator by
1
FT1
POS
FB1
FB1
R
VV
R

=
×+


where:
VPOS is the positive output voltage.
VFB1 is the FB1 reference voltage.
RFT1 is the feedback resistor from VPOS to FB1.
RFB1 is the feedback resistor from FB1 to AGND.
Set the negative output for the inverting regulator by
(
)
FT2
NEG
FB2
REF
FB2
FB2
R
V
V
V
V
R
=
−−
where:
VNEG is the negative output voltage.
VFB2 is the FB2 reference voltage.
RFT2 is the feedback resistor from VNEG to FB2.
RFB2 is the feedback resistor from FB2 to VREF.
VREF is the VREF pin reference voltage.
Table 8. Recommended Feedback Resistor Values
Desired Output
Voltage (V)
Boost Regulator
Inverting Regulator
RFT1 (MΩ)
RFB1 (kΩ)
Calculated
Output Voltage (V)
RFT2 (MΩ)
RFB2 (kΩ)
Calculated
Output Voltage (V)
±4.2
0.432
102
4.188
0.715
115
−4.174
±5
0.604
115
5.002
1.15
158
−5.023
±9
1.24
121
8.998
1.62
133
−8.944
±12
1.4
100
12.000
1.15
71.5
−12.067
±13
2.1
137
13.063
2.8
162
−13.027
±15
2.43
137
14.990
2.32
118
−14.929
±18
2.15
100
18.000
2.67
113
−18.103
±20
2.55
107
19.865
2.94
113
−20.014
±24
3.09
107
23.903
3.16
102
−23.984
±30
3.65
100
30.000
4.12
107
−30.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com