Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5730BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADRF5730
Rev. 0 | Page 3 of 19
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, case temperature (TCASE) = 25°C, and 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
40,000
MHz
INSERTION LOSS (IL)
With Impedance Match
See Figure 44
100 MHz to 10 GHz
1.6
dB
10 GHz to 18 GHz
2.1
dB
18 GHz to 26 GHz
2.9
dB
26 GHz to 35 GHz
3.8
dB
35 GHz to 40 GHz
4.8
dB
Without Impedance Match
See Figure 43
100 MHz to 10 GHz
1.6
dB
10 GHz to 18 GHz
2.1
dB
18 GHz to 26 GHz
2.7
dB
26 GHz to 35 GHz
3.7
dB
35 GHz to 40 GHz
5.2
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
With Impedance Match
See Figure 44
100 MHz to 10 GHz
20
dB
10 GHz to 18 GHz
19
dB
18 GHz to 26 GHz
13
dB
26 GHz to 35 GHz
11
dB
35 GHz to 40 GHz
11
dB
Without Impedance Match
See Figure 43
100 MHz to 10 GHz
19
dB
10 GHz to 18 GHz
18
dB
18 GHz to 26 GHz
16
dB
26 GHz to 35 GHz
13
dB
35 GHz to 40 GHz
9
dB
ATTENUATION
Range
Between minimum and maximum
attenuation states
31.5
dB
Step Size
Between any successive attenuation states
0.5
dB
Accuracy
Referenced to insertion loss
With Impedance Match
See Figure 44
100 MHz to 10 GHz
±(0.10 + 0.6% of state)
dB
10 GHz to 18 GHz
±(0.10 + 1.0% of state)
dB
18 GHz to 26 GHz
±(0.15 + 0.8% of state)
dB
26 GHz to 35 GHz
±(0.20 + 2.0% of state)
dB
35 GHz to 40 GHz
±(0.35 + 2.5% of state)
dB
Without Impedance Match
See Figure 43
100 MHz to 10 GHz
±(0.10 + 0.5% of state)
dB
10 GHz to 18 GHz
±(0.10 + 1.0% of state)
dB
18 GHz to 26 GHz
±(0.15 + 0.8% of state)
dB
26 GHz to 35 GHz
±(0.25 + 1.8% of state)
dB
35 GHz to 40 GHz
±(0.40 + 5.0% of state)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com