Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5730BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
0.5 dB LSB, 6-Bit, Silicon Digital
Attenuator, 100 MHz to 40 GHz
Data Sheet
ADRF5730
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 100 MHz to 40 GHz
Attenuation range: 0.5 dB steps to 31.5 dB
Low insertion loss with impedance match
2.1 dB up to 18 GHz
2.9 dB up to 26 GHz
4.8 dB up to 40 GHz
Attenuation accuracy with impedance match
±(0.10 + 1.0% of attenuation state) up to 18 GHz
±(0.15 + 0.8% of attenuation state) up to 26 GHz
±(0.35 + 2.5% of attenuation state) up to 40 GHz
Typical step error with impedance match
±0.18 dB up to 18 GHz
±0.23 dB up to 26 GHz
±0.51 dB up to 40 GHz
High input linearity
P0.1dB insertion loss state: 30 dBm
P0.1dB other attenuation states: 27 dBm
IP3: 50 dBm typical
High RF input power handling: 27 dBm average, 30 dBm peak
Tight distribution in relative phase
No low frequency spurious signals
SPI and parallel mode control, CMOS/LVTTL compatible
RF settling time (0.1 dB of final RF output): 250 ns
24-terminal, 4 mm × 4 mm LGA package
Pin compatible with ADRF5720, low frequency cutoff version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5730 is a silicon, 6-bit digital attenuator with 31.5 dB
attenuation control range in 0.5 dB steps.
This device operates from 100 MHz to 40 GHz with better than
4.8 dB of insertion loss and excellent attenuation accuracy. The
ADRF5730 has a radio frequency (RF) input power handling
capability of 27 dBm average and 30 dBm peak for all states.
The ADRF5730 requires a dual supply voltage of +3.3 V and
−3.3 V. The device features serial peripheral interface (SPI), parallel
mode control, and complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor to transistor logic (LVTTL)-
compatible controls.
The ADRF5730 is pin-compatible with the ADRF5720 low
frequency cutoff version, which operates from 9 kHz to 40 GHz.
The ADRF5730 RF ports are designed to match a characteristic
impedance of 50 Ω. For wideband applications, impedance
matching on the RF transmission lines can further optimize high
frequency insertion loss, return loss, and attenuation accuracy
characteristics. Refer to the Electrical Specifications section, the
Typical Performance Characteristics section, and the Applications
Information section for more details.
The ADRF5730 comes in a 24-terminal, 4 mm × 4 mm, RoHS-
compliant, land grid array (LGA) package and operates from
−40°C to +105°C.
PS
LE
GND
GND
ATTIN
GND
VSS
VDD
GND
GND
ATTOUT
PACKAGE
BASE
GND
GND
10
18
13
17
16
15
14
11
12
7
8
9
21
20
19
24
23
22
1
6
2
3
4
5
6-BIT DIGITAL
ATTENUATOR
SERIAL/
PARALLEL
INTERFACE


Similar Part No. - ADRF5730BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5731-EVALZ AD-ADRF5731-EVALZ Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5731BCCZN AD-ADRF5731BCCZN Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5731BCCZN-R7 AD-ADRF5731BCCZN-R7 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
More results

Similar Description - ADRF5730BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5721 AD-ADRF5721 Datasheet
560Kb / 17P
Silicon Digital Attenuator
9/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com