Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF5730BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADRF5730
Rev. 0 | Page 17 of 19
Figure 40. Evaluation Board Schematic
Table 8. Evaluation Board Components
Component
Default Value
Description
C1, C2
100 pF
Capacitor, C0402 package
J1 to J4
Not applicable
2.4 mm end launch connector (Southwest Microwave: 1492-04A-5)
P1
Not applicable
2 × 9-pin header
R1 to R11
0 Ω
Resistor, 0402 package
TP1, TP2, TP4
Not applicable
Through-hole mount test point
U1
ADRF5730
ADRF5730 digital attenuator, Analog Devices, Inc.
PS
LE
EPAD
GND
GND
ATTIN
GND
2
1
3
4
5
6
17
18
16
15
14
13
VSS
VDD
LE
R2
0
GND
GND
ATTOUT
GND
ADRF5730
25
PS
ATTIN
ATTOUT
J2
THRU CAL
J3
DNI
J4
DNI
J1
R1
0
D2
R6
0
D1
R7
0
D0
R8
0
C1
100pF
VDD
C2
100pF
VSS
D5_CLK
0
R3
D4_SERIN
0
R4
D3_SEROUT
0
R5
2
6
1
3
4
8
5
7
10
12
9
PS
P1
87759-1850
LE
D5_CLK
D4_SERIN
D3_SEROUT
D0
D1
D2
AGND
11
14
16
13
15
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com