Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5730BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADRF5730
Data Sheet
Rev. 0 | Page 14 of 19
Figure 32. Simplified Circuit Diagram
SERIAL MODE INTERFACE
The ADRF5730 supports a 3-wire SPI: serial data input (SERIN),
clock (CLK), and latch enable (LE). The serial control interface
is activated when PS is set to high.
The ADRF5730 attenuation states can be controlled using 6-bit
or 8-bit SERIN data. If an 8-bit word is used to control the state
of the attenuator, the first two bits, D7 and D6, are don’t care
bits. It does not matter if these two bits are held low or high, or
if they are omitted altogether. Only Bits[D0:D5] set the state of
the attenuator.
In serial mode, the SERIN data is clocked most significant bit
(MSB) first on the rising CLK edges into the shift register. Then,
LE must be toggled high to latch the new attenuation state into
the device. LE must be set to low to clock new SERIN data into
the shift register as CLK is masked to prevent the attenuator
value from changing if LE is kept high. See Figure 34 in
conjunction with Table 2 and Table 7.
USING SEROUT
The ADRF5730 also features a serial data output, SEROUT.
SEROUT outputs the serial input data at the 8th clock cycle, and
can control a cascaded attenuator using a single SPI bus. Figure 35
shows the serial out timing diagram.
When using the attenuator in a daisy-chain operation, 8-bit
SERIN data must be used due to the 8 clock cycle delay between
SERIN and SEROUT.
It is optional to use a 1 kΩ resistor between SEROUT on the
first attenuator and SERIN of the next attenuator to filter the
signal (see Figure 33).
Figure 33. Using a Resistor on SEROUT
D
Q
D
Q
D
Q
D
Q
D
Q
PARALLEL OR SERIAL SELECT
6-BIT OR 8-BIT LATCH
D
Q
D
D0
SERIN
CLK
PS
LE
D1
D2
D3
D4
D5
Q
D
Q
RF
INPUT
RF
OUTPUT
SEROUT
0.5dB
1dB
2dB
4dB
8dB
16dB
4
3
2
1
0
0
200
100
300
400
500
150
50
250
350
450
TIME (ns)
WITHOUT 1kΩ
WITH 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com