Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF5730BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ADRF5730
Data Sheet
Rev. 0 | Page 16 of 19
APPLICATIONS INFORMATION
EVALUATION BOARD
The ADRF5730-EVALZ is a 4-layer evaluation board. The top
and bottom copper layer are 0.5 oz (0.7 mil) plated to 1.5 oz
(2.2 mil) and are separated by dielectric materials. The stackup
for this evaluation board is shown in Figure 37.
Figure 37. Evaluation Board Stackup
All RF and dc traces are routed on the top copper layer, whereas
the inner and bottom layers are grounded planes that provide a
solid ground for the RF transmission lines. The top dielectric
material is 12 mil Rogers RO4003, offering optimal high
frequency performance. The middle and bottom dielectric
materials provide mechanical strength. The overall board
thickness is 62 mil, which allows 2.4 mm RF launchers to be
connected at the board edges.
Figure 38. Evaluation Board, Top View
The RF transmission lines are designed using a coplanar
waveguide (CPWG) model, with a trace width of 16 mil and
ground clearance of 6 mil to have a characteristic impedance of
50 Ω. For optimal RF and thermal grounding, as many through
vias as possible are arranged around transmission lines and
under the exposed pad of the package.
The ADRF5730-EVALZ does not have high frequency
impedance matching implemented on the RF transmission
lines. For more details on the impedance matched circuit, refer
to the Impedance Matching portion of the Probe Matrix Board
section.
Thru calibration can be used to calibrate out the board loss effects
from the ADRF5730-EVALZ evaluation board measurements to
determine the device performance at the pins of the IC. Figure 39
shows the typical board loss for the ADRF5730-EVALZ evaluation
board at room temperature, the embedded insertion loss, and the
de-embedded insertion loss for the ADRF5730.
Figure 39. Insertion Loss vs. Frequency
Figure 38 shows the actual ADRF5730 evaluation board with
component placement.
Two power supply ports are connected to the VDD and VSS test
points, TP1 and TP2, and the ground reference is connected to
the GND test point, TP4. On the supply traces, VDD and VSS, a
100 pF bypass capacitor is used to filter high frequency noise.
Additionally, unpopulated components positions are available
for applying extra bypass capacitors.
All the digital control pins are connected through digital signal
traces to the 2 × 9-pin header, P1. There are provisions for a
resistor capacitor (RC) filter that helps eliminate dc-coupled
noise. The ADRF5730 was evaluated without an external RC
filter, the series resistors are 0 Ω, and shunt capacitors are
unpopulated on the evaluation board.
The RF input and output ports (ATTIN and ATTOUT) are
connected through 50 Ω transmission lines to the 2.4 mm RF
launchers, J1 and J2, respectively. These high frequency RF
launchers are connected by contact and are not soldered onto
the board.
A thru calibration line connects the unpopulated J3 and J4
launchers. This transmission line is used to estimate the loss of
the PCB over the environmental conditions being evaluated.
The schematic of the ADRF5730-EVALZ evaluation board is
shown in Figure 40.
RO4003
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 16mil
G = 6mil
T = 2.2mil
H = 12mil
0
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
20
10
30
40
45
15
5
25
35
FREQUENCY (GHz)
THRU LOSS
EMBEDDED INSERTION LOSS
DE-EMBEDDED INSERTION LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com