Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5730BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADRF5730
Rev. 0 | Page 11 of 19
Figure 26. Relative Phase vs. Attenuation State over Frequency
with Impedance Match
Figure 27. Relative Phase vs. Attenuation State over Frequency
Without Impedance Match
ATTENUATION STATE (dB)
120
100
80
60
40
20
0
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz
ATTENUATION STATE (dB)
120
100
80
60
40
20
0
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com