Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5730BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADRF5730
Data Sheet
Rev. 0 | Page 10 of 19
Figure 20. State Error vs. Frequency (Major States Only) with Impedance
Match
Figure 21. State Error vs. Attenuation State over Frequency with Impedance
Match
Figure 22. Relative Phase vs. Frequency (Major States Only) with Impedance
Match
Figure 23. State Error vs. Frequency (Major States Only) Without Impedance
Match
Figure 24. State Error vs. Attenuation State over Frequency Without
Impedance Match
Figure 25. Relative Phase vs. Frequency (Major States Only) Without
Impedance Match
2.5
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
40
35
30
45
FREQUENCY (GHz)
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
ATTENUATION STATE (dB)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz
120
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
40
35
30
45
FREQUENCY (GHz)
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
2.5
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
40
35
30
45
FREQUENCY (GHz)
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
ATTENUATION STATE (dB)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
5GHz
10GHz
15GHz
20GHz
25GHz
30GHz
35GHz
40GHz
45GHz
120
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
40
35
30
45
FREQUENCY (GHz)
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com