Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5730BCCZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF5730BCCZN-R7
Description  Silicon Digital Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5730BCCZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF5730BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5730BCCZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ADRF5730
Data Sheet
Rev. 0 | Page 18 of 19
PROBE MATRIX BOARD
The probe matrix board is a 4-layer board. Similar to the evaluation
board, the probe matrix board also uses a 12 mil Rogers RO4003
dielectric. The top and bottom copper layers are 0.5 oz (0.7 mil)
plated to 1.5 oz (2.2 mil). The RF transmission lines are designed
using a CPWG model with a width of 16 mil and ground
spacing of 6 mil to have a characteristic impedance of 50 Ω.
Figure 41 and Figure 42 show the cross sectional view and the
top view of the board, respectively. Measurements are made
using GSG probes at close proximity to the RF pins. Unlike the
evaluation board, probing reduces reflections caused by
mismatch arising from connectors, cables, and board layout,
resulting in a more accurate measurement of the device
performance.
Figure 41. Probe Matrix Board Stackup
Figure 42. Probe Matrix Board Top View
The probe matrix board includes a thru reflect line (TRL)
calibration kit, allowing board loss de-embedding. The actual
board duplicates the same layout in matrix form to assemble
multiple devices at one time. All S-parameters were measured
on this board.
Impedance Matching
Impedance matching at the RF pins can improve insertion loss,
return loss, and attenuation accuracy at high frequencies. Figure 43
and Figure 44 show the difference in the transmission lines at
the ATTIN and ATTOUT pins.
The dimensions of the 50 Ω lines are 16 mil trace width and
6 mil gap. To implement this impedance matched circuit, the
pad length is extended by 5 mil (from 17 mil to 22 mil). The
calibration reference kit does not include the 5 mil matching
line and, therefore, the measured insertion loss includes the
losses of the matching circuit.
Figure 43. Without Impedance Match
Figure 44. With Impedance Match
RO4003
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 16mil
G = 6mil
T = 2.2mil
H = 12mil
6
6
16
10
17
16
10
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com