Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 2Page - STMicroelectronics TS4975 Datasheet HTML 3Page - STMicroelectronics TS4975 Datasheet HTML 4Page - STMicroelectronics TS4975 Datasheet HTML 5Page - STMicroelectronics TS4975 Datasheet HTML 6Page - STMicroelectronics TS4975 Datasheet HTML 7Page - STMicroelectronics TS4975 Datasheet HTML 8Page - STMicroelectronics TS4975 Datasheet HTML 9Page - STMicroelectronics TS4975 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical Characteristics
TS4975
6/33
Table 6.
VCC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
I
CC
Supply Current
No input signal, no load, Single Ended, Mode 1-4
No input signal, no load, Single Ended, Mode 5-8
No input signal, no load, Phantom Ground, Mode 1-4
No input signal, no load, Phantom Ground, Mode 5-8
3
2
4.6
3.6
4.2
2.8
6.5
5.3
mA
I
STANDBY
Standby Current (SCL and SDA at VCC level)
No input signal
0.6
2
µA
Voo
Output Offset Voltage
No input signal, RL = 32
Ω, Phantom Ground
550
mV
Po
Output Power
THD+N = 1% Max, f = 1kHz, RL = 16
Ω, Single Ended
THD+N = 1% Max, f = 1kHz, RL = 32
Ω, Single Ended
THD+N = 1% Max, f = 1kHz, RL = 16
Ω, Phantom Ground
THD+N = 1% Max, f = 1kHz, RL = 32
Ω, Phantom Ground
34
24
34
24
40
26
40
26
mW
THD + N
Total Harmonic Distortion + Noise, Av = 2dB
RL=32
Ω, Po=20 mW, 20Hz < F < 20kHz, Single Ended
RL=16
Ω, Po=30 mW, 20Hz < F < 20kHz, Single Ended
RL=32
Ω, Po=20 mW, 20Hz < F < 20kHz, Phantom Ground
RL=16
Ω, Po=30 mW, 20Hz < F < 20kHz, Phantom Ground
0.3
0.3
0.3
0.3
%
PSRR
Power Supply Rejection Ratio(1)
F = 217Hz, RL = 16
Ω, Av = 2 dB
Vripple = 200mVpp, Input Grounded, Cb = 1µF, Single Ended
Output referenced to Phantom Ground
F = 217Hz, RL = 16
Ω, Av = 2 dB
Vripple = 200mVpp, Input Grounded, Cb = 1µF, Single Ended
Output referenced to Ground
61
61
dB
Crosstalk
Channel Separation, RL = 32
Ω, Av = 2 dB with Single Ended
F = 1kHZ, Po=20mW
F = 20Hz to 20kHz, Po=20mW
Channel Separation, RL = 32
Ω, Av = 2 dB with Phantom Ground
F = 1kHZ, Po=20mW
F = 20Hz to 20kHz, Po=20mW
103
75
69
69
dB
SNR
Signal To Noise Ratio, A-Weighted, Av=2dB, RL=32
Ω,
Po=25mW
Single Ended
Phantom Ground
90
90
dB
Noise
Output Noise voltage, A-Weighted, Av=2dB
Single Ended
Phantom Ground
23
23
µVrms
G
Digital Gain Range In1 & In2 to Out1 & Out2
-34
+18
dB
Digital Gain Stepsize
4
dB
Gain error tolerance
-1
+1
dB
Zin
In1 & In2 Input Impedance, All Gain setting
25.5
30
34.5
k
Ω
Twu
Wake up time, Cb=1µF
90
156
ms
Tws
Standby time
1
µs
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ F = 217Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com