Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics TS4975 Datasheet HTML 22Page - STMicroelectronics TS4975 Datasheet HTML 23Page - STMicroelectronics TS4975 Datasheet HTML 24Page - STMicroelectronics TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Application Information
TS4975
24/33
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when Vpeak = Vcc/2, so
The TS4975 is stereo amplifier so it has two independent power amplifiers. Each amplifier
produces heat due to its power dissipation. Therefore the maximum die temperature is the sum
of each amplifier’s maximum power dissipation. It is calculated as follows:
●
Pdiss 1 = Power dissipation due to the first channel power amplifier.
●
Pdiss 2 = Power dissipation due to the second channel power amplifier.
●
Total Pdiss =Pdiss 1 +Pdiss 2 (W)
In most cases, Pdiss 1 = Pdiss 2, giving:
Single ended configuration:
Phantom ground configuration:
4.3
Low frequency response
Input capacitor Cin
The input coupling capacitor blocks the DC part of the input signal at the amplifier input. In the
low-frequency region, Cin starts to have an effect. Cin with Zin forms a first-order, high-pass
filter with -3 dB cut-off frequency.
Zin is the input impedance of the corresponding input (30 k
Ω for In1 & In2).
Note:
For all inputs, the impedance value remains for all gain settings. This means that the lower cut-
off frequency doesn’t change with gain setting. Note also that 30 k
Ω is a typical value and there
is tolerance around this value (see 3: Electrical Characteristics on page 4).
In Figure 50 you could easily establish the Cin value for a -3dB cut-off frequency required.
η
P
OUT
P
supply
-------------------
πV
PEAK
4V
CC
---------------------
==
η
π
8
---
39.25%
==
TotalP
diss
2P
diss1
=
TotalP
diss
22VCC
π R
L
---------------------- P
OUT
2P
OUT W
()
–
=
TotalP
diss
42VCC
π R
L
---------------------- P
OUT
2P
OUT W
()
–
=
F
CL
1
2
πZ
inCin
------------------------Hz
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com