Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 14Page - STMicroelectronics TS4975 Datasheet HTML 15Page - STMicroelectronics TS4975 Datasheet HTML 16Page - STMicroelectronics TS4975 Datasheet HTML 17Page - STMicroelectronics TS4975 Datasheet HTML 18Page - STMicroelectronics TS4975 Datasheet HTML 19Page - STMicroelectronics TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics TS4975 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Application Information
TS4975
18/33
4
Application Information
The TS4975 integrates 2 monolithic power amplifiers. The amplifier output can be configured
as either SE (single-ended) capacitively-coupled output or PHG (phantom ground) output.
Figure 1 on page 3 shows schemas of these two configurations.
In a SE configuration an output capacitor, Cout, on each output is needed. This output coupling
capacitor blocks the Vcc/2 voltage (to which the output amplifier is biased) and couples the
audio signal to the load.
In a PHG configuration, internal buffers are connected to PHG1 and PHG2 pins biased to the
Vcc/2 voltage, and output amplifiers are also biased to the Vcc/2 voltage. Therefore, no output
capacitors are needed. The advantage of the PHG configuration is fewer external components
compared with a SE configuration. However, note that the device has higher power dissipation
(see Power dissipation and efficiency on page 22).
This chapter gives information on how to configure the TS4975 in application.
4.1
I²C bus interface
Table 8 summarizes the pin descriptions for the I²C bus interface.
Table 8.
I²C bus interface pin descriptions
4.1.1
I²C bus operation
The TS4975 uses a serial bus, which conforms to the I²C protocol, to control the chip’s
functions with two wires: Clock and Data. The Clock line is uni-directional. The Data line is bi-
directional (open-collector) with an external chip pull-up resistor (typically 10 kOhm). The
maximum clock frequency specified by the I²C standard is 400kHz.
Table 9.
Device slave address
The host MCU can write into the TS4975 control registers and read from the control registers.
The slave address of the TS4975 for writing is CC or CE hex. In order to write data into the
TS4975, after the “start” message, the MCU must send the following data:
●
send the I²C address slave byte with a low level for the R/W bit
●
send the data
Pin
Functional Description
SDA
This is the serial data input pin
SCL
This is the clock input pin
ADD
User-setable portion of device’s I2C address
A6
A5
A4
A3
A2
A1
A0
Rw
110
0
1
1
A0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com