Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 10Page - STMicroelectronics TS4975 Datasheet HTML 11Page - STMicroelectronics TS4975 Datasheet HTML 12Page - STMicroelectronics TS4975 Datasheet HTML 13Page - STMicroelectronics TS4975 Datasheet HTML 14Page - STMicroelectronics TS4975 Datasheet HTML 15Page - STMicroelectronics TS4975 Datasheet HTML 16Page - STMicroelectronics TS4975 Datasheet HTML 17Page - STMicroelectronics TS4975 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Electrical Characteristics
TS4975
14/33
Figure 36. Crosstalk versus frequency
Figure 37. Crosstalk versus frequency
Figure 38. Crosstalk versus frequency
Figure 39. Crosstalk versus frequency
Figure 40. Crosstalk versus frequency
Figure 41. Crosstalk versus frequency
100
1000
10000
-120
-100
-80
-60
-40
-20
0
RL=16
Ω
Po=15mW
Frequency (Hz)
Vcc = 2.5V
Output mode 1
Single Ended
G = +2dB
Tamb = 25
°C
RL=32
Ω
Po=10mW
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
RL=16
Ω
Po=15mW
Frequency (Hz)
Vcc = 2.5V
Output mode 1
Phantom Ground
G = +2dB
Tamb = 25
°C
RL=32
Ω
Po=10mW
100
1000
10000
-120
-100
-80
-60
-40
-20
0
RL=16
Ω
Po=30mW
Frequency (Hz)
Vcc = 3.3V
Output mode 1
Single Ended
G = +2dB
Tamb = 25
°C
RL=32
Ω
Po=20mW
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
RL=16
Ω
Po=30mW
Frequency (Hz)
Vcc = 3.3V
Output mode 1
Phantom Ground
G = +2dB
Tamb = 25
°C
RL=32
Ω
Po=20mW
100
1000
10000
-120
-100
-80
-60
-40
-20
0
RL=16
Ω
Po=80mW
Frequency (Hz)
Vcc = 5V
Output mode 1
Single Ended
G = +2dB
Tamb = 25
°C
RL=32
Ω
Po=50mW
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
RL=16
Ω
Po=80mW
Frequency (Hz)
Vcc = 5V
Output mode 1
Phantom Ground
G = +2dB
Tamb = 25
°C
RL=32
Ω
Po=50mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com