Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics TS4975 Datasheet HTML 29Page - STMicroelectronics TS4975 Datasheet HTML 30Page - STMicroelectronics TS4975 Datasheet HTML 31Page - STMicroelectronics TS4975 Datasheet HTML 32Page - STMicroelectronics TS4975 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
TS4975
Application Information
29/33
Figure 63. Demoboard schematic
Figure 64. Bottom layer
10k
R5
Vcc1
10k
R4
Vcc1
1
6
2
7
3
8
4
9
5
CON1
RS232
GND2
DTR
TXD
GND
SDA
SDA
SCL
SCL
R1IN
13
R2IN
8
T1IN
11
T2IN
10
C1+
1
C1-
3
C2+
4
C2-
5
V+
2
V-
6
R1OUT
12
R2OUT
9
T1OUT
14
T2OUT
7
U3
ST232
Vcc2
GND2
Vcc2
GND2
Cn5
GND2
10K
R7
GND2
C5
1µF
C6
0.1µF
C7
0.1µF
C8
0.1µF
C9
0.1µF
GND2
Vcc2
Vcc2
Vcc2
SDA
SCL
Vcc2
SDA
Vcc1
180R
R8
GND2
360R
R6
360R
R9
Vcc1
Bias
Volume control
Select
I2C
Mode
1
6
9
10
12
13
TS4975
IN1
IN2
OUT1
OUT2
PHG1
PHG2
OUT1 Amplifier
OUT2 Amplifier
PHG1 Amplifier
PHG2 Amplifier
IN1
IN2
Pre-Amplifier
Pre-Amplifier
Bypass
U1
10k
R3
1
2
3
4
JP1
HEADER 4
Vcc1
Cn6
1k
R1
1k
R2
1
2
3
J1
PHONEJACK STEREO
Cn8
Cn7
Vcc1
Cn1
C1
1µF
C2
1µF
+
C3
220µF
+
C4
220µF
P2
IN2
P1
IN1
Cn3
Cn4
Cn2
I2C BUS
1
2
3
4
JP2
HEADER 4
1
2
16
15
U2A
KP1040
3
4
14
13
U2B
KP1040
5
6
12
11
U2C
KP1040
+
C10
330nF
+
C11
330nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com