Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics TS4975 Datasheet HTML 29Page - STMicroelectronics TS4975 Datasheet HTML 30Page - STMicroelectronics TS4975 Datasheet HTML 31Page - STMicroelectronics TS4975 Datasheet HTML 32Page - STMicroelectronics TS4975 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
TS4975
Package Mechanical Data
31/33
5
Package Mechanical Data
Figure 67. TS4975 Footprint Recommendation
Figure 68. Pin out (top view)
Figure 69. Marking (top view)
Pad in Cu 18
µm with Flash NiAu (2-6µm, 0.2µm max.)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm typ.
75µm min.
100
µm max.
Track
Non Solder mask opening
Φ=340µm min.
Pad in Cu 18
µm with Flash NiAu (2-6µm, 0.2µm max.)
150
µm min.
500
µm
500
µm
Φ=250µm
Φ=400µm typ.
75µm min.
100
µm max.
Track
Non Solder mask opening
Φ=340µm min.
OUT1
IN1
BYPASS
PHG1
VCC
SCL
PHG2
GND
SDA
A
BC
D
3
2
1
OUT2
IN2
ADD
OUT1
IN1
BYPASS
PHG1
VCC
SCL
PHG2
GND
SDA
A
BC
D
3
2
1
OUT2
IN2
ADD
■
Logo: ST
■
Part Number: A75
■
Date Code: YWW
■
The Dot is for marking pin A1
●
E Lead Free symbol
A75
YW W
E
A75
YW W
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com