Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4975 Datasheet HTML 1Page - STMicroelectronics TS4975 Datasheet HTML 2Page - STMicroelectronics TS4975 Datasheet HTML 3Page - STMicroelectronics TS4975 Datasheet HTML 4Page - STMicroelectronics TS4975 Datasheet HTML 5Page - STMicroelectronics TS4975 Datasheet HTML 6Page - STMicroelectronics TS4975 Datasheet HTML 7Page - STMicroelectronics TS4975 Datasheet HTML 8Page - STMicroelectronics TS4975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Absolute Maximum Ratings
TS4975
2/33
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values are measured with respect to the ground pin.
6V
Vi
Input Voltage (2)
2.
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V
GND to VCC
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (3)
3.
Device is protected in case of over temperature by a thermal shutdown active @ 150°C.
200
°C/W
Pd
Power Dissipation
Internally Limited(4)
4.
Exceeding the power derating curves during a long period, may involve abnormal operating condition.
ESD
Susceptibility - Human Body Model(5)
5.
Human body model, 100pF discharged through a 1.5kOhm resistor, into pin to Vcc device.
2kV
ESD
Susceptibility - Machine Model (min. Value)
200
V
Latch-up
Latch-up Immunity
200
mA
Lead Temperature (soldering, 10sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.5 to 5.5v
V
RL
Load Resistor
>16
Ω
CL
Load Capacitor
RL = 16 to 100
Ω,
RL > 100
Ω,
400
100
pF
TOP
Operating Free Air Temperature Range
-40 to +85
°C
RTHJA
Flip Chip Thermal resistance Junction to Ambient
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com