Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4975 Datasheet HTML 1Page - STMicroelectronics TS4975 Datasheet HTML 2Page - STMicroelectronics TS4975 Datasheet HTML 3Page - STMicroelectronics TS4975 Datasheet HTML 4Page - STMicroelectronics TS4975 Datasheet HTML 5Page - STMicroelectronics TS4975 Datasheet HTML 6Page - STMicroelectronics TS4975 Datasheet HTML 7Page - STMicroelectronics TS4975 Datasheet HTML 8Page - STMicroelectronics TS4975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Rev 2
July 2005
1/33
33
TS4975
Stereo Headphone Drive Amplifier with
Digital Volume Control via I2C Bus
■
Operating from V
CC = 2.5V to 5.5V
■
I²C bus control interface
■
40mW output power @ Vcc=3.3V, THD=1%,
F=1kHz, with 16
Ω load
■
Ultra-low consumption in stdby mode: 0.6 µA
■
Digital volume control range from 18dB to
-34dB
■
14-step digital volume control
■
9 different output mode selections
■
Pop & click noise reduction circuitry
■
Flip-chip package 12 x 300µm bumps (lead-
free)
Description
The TS4975 is a stereo audio headphone driver
capable of delivering up to 102mW per channel of
continuous average power into a 16
Ω single-
ended load with 1% THD+N from a 5V power
supply. The overall gain of these headphone
drivers is controlled digitally by volume control
registers programmed via the I²C interface,
minimizing the number of external components
needed. This device can also easily be driven by
an MCU to select the output modes, through the
I²C bus interface.
A phantom ground configuration allows one to
avoid using bulky capacitors on the outputs of the
headphone amplifiers.
The TS4975 is packaged into a 1.8mm X 2.3mm
Flip Chip package, ideally suited for space-
conscious portable applications.
It
has
also
an
internal
thermal
shutdown
protection mechanism.
Applications
■
Mobile phones (cellular / cordless)
■
PDAs
■
Laptop/notebook computers
■
Portable audio devices
Order Codes
TS4975EIJT - Flip Chip
OUT1
IN1
BYPASS
PHG1
VCC
SCL
PHG2
GND
SDA
OUT2
IN2
ADD
OUT1
IN1
BYPASS
PHG1
VCC
SCL
PHG2
GND
SDA
OUT2
IN2
ADD
Pin Out (top view)
Part Number
Temperature Range
Package
Packaging
Marking
TS4975EIJT
-40, +85°C
Flip-chip
Tape & Reel
A75
www.st.com


Similar Part No. - TS4975

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975 Datasheet
795Kb / 36P
Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
Nov-2005
TS4975EIJT STMICROELECTRONICS-TS4975EIJT Datasheet
795Kb / 36P
Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
Nov-2005
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
Nov-2005
More results

Similar Description - TS4975

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
Nov-2005
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Unisonic Technologies
LM4811 UTC-LM4811_15 Datasheet
199Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com