Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 59Page - STMicroelectronics STM32WB55VG Datasheet HTML 60Page - STMicroelectronics STM32WB55VG Datasheet HTML 61Page - STMicroelectronics STM32WB55VG Datasheet HTML 62Page - STMicroelectronics STM32WB55VG Datasheet HTML 63Page - STMicroelectronics STM32WB55VG Datasheet HTML 64Page - STMicroelectronics STM32WB55VG Datasheet HTML 65Page - STMicroelectronics STM32WB55VG Datasheet HTML 66Page - STMicroelectronics STM32WB55VG Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 165 page
background image
DS11929 Rev 3
63/165
STM32WB55xx
Pinouts and pin description
69
46 66
F5
PB6
I/O FT_fla
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX, TSC_G2_IO3,
LCD_SEG6, SAI1_FS_B,
TIM16_CH1N, MCO,
CM4_EVENTOUT
COMP2_INP
47 67 D7
PB7
I/O FT_fla
-
LPTIM1_IN2, TIM1_BKIN,
I2C1_SDA, USART1_RX,
TSC_G2_IO4, LCD_SEG21,
TIM17_CH1N,
CM4_EVENTOUT
COMP2_INM, PVD_IN
-
-
B9
VSS
S
-
-
-
-
48 68 A10
VDD
S
-
-
-
-
-
-
C8
PE0
I/O
FT_l
-
TIM1_ETR, TSC_G7_IO3,
LCD_SEG36, TIM16_CH1,
CM4_EVENTOUT
-
-
-
B10
PE1
I/O
FT_l
-
TSC_G7_IO2, LCD_SEG37,
TIM17_CH1, CM4_EVENTOUT
-
1. PC13, PC14 and PC15 are supplied through the power switch. As this switch only sinks a limited amount of current (3 mA),
the use of the PC13, PC14 and PC15 GPIOs in output mode is limited:
- the speed should not exceed 2 MHz with a maximum load of 30 pF
- these GPIOs must not be used as current sources (e.g. to drive an LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers that are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the reference manual RM0351, available on www.st.com.
3. On UFQFPN48 VDDA is connected to VREF+.
4. RF pin, use the nominal PCB layout.
5. 32 MHz oscillator pins, use the nominal PCB layout according to reference design (see AN5165).
6. Reserved for production, must be kept unconnected.
7. High frequency (above 100 KHz) may impact the RF performances.
8. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13 and
PB4 pins and the internal pull-down on PA14 pin are activated.
Table 16. STM32WB55xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com