Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 96Page - STMicroelectronics STM32WB55VG Datasheet HTML 97Page - STMicroelectronics STM32WB55VG Datasheet HTML 98Page - STMicroelectronics STM32WB55VG Datasheet HTML 99Page - STMicroelectronics STM32WB55VG Datasheet HTML 100Page - STMicroelectronics STM32WB55VG Datasheet HTML 101Page - STMicroelectronics STM32WB55VG Datasheet HTML 102Page - STMicroelectronics STM32WB55VG Datasheet HTML 103Page - STMicroelectronics STM32WB55VG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 165 page
background image
Table 46. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VBAT 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C
IDD(VBAT)
Backup
domain
supply
current
RTC disabled
1.8 V 1.00 2.00
4.00
10.0
52.0
145
370
-
-
-
-
-
-
-
nA
2.4 V 1.00 2.00
5.00
12.0
60.0
165
425
-
-
-
-
-
-
-
3.0 V 2.00 4.00
7.00
16.0
75.0
225
725
-
-
-
-
-
-
-
3.6 V 7.00 15.0
23.0
42.0
170
450
1150
-
-
-
-
-
-
-
RTC enabled
and clocked
by LSE
quartz(2)
1.8 V 295
305
315
325
380
480
720
-
-
-
-
-
-
-
2.4 V 385
395
400
415
475
595
870
-
-
-
-
-
-
-
3.0 V 495
505
515
530
600
765
1300
-
-
-
-
-
-
-
3.6 V 630
645
660
685
830
1150
1850
-
-
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
Table 47. Current under Reset condition
Symbol
Conditions
TYP
MAX(1)
Unit
0 °C
25 °C
40 °C
55 °C
85 °C
105 °C 125 °C
0 °C
25 °C
40 °C
55 °C
85 °C
105 °C 125 °C
IDD(RST)
1.8 V
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
nA
2.4 V
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com