Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 34Page - STMicroelectronics STM32WB55VG Datasheet HTML 35Page - STMicroelectronics STM32WB55VG Datasheet HTML 36Page - STMicroelectronics STM32WB55VG Datasheet HTML 37Page - STMicroelectronics STM32WB55VG Datasheet HTML 38Page - STMicroelectronics STM32WB55VG Datasheet HTML 39Page - STMicroelectronics STM32WB55VG Datasheet HTML 40Page - STMicroelectronics STM32WB55VG Datasheet HTML 41Page - STMicroelectronics STM32WB55VG Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 165 page
background image
Functional overview
STM32WB55xx
38/165
DS11929 Rev 3
3.10
Clocks and startup
The STM32WB55xx devices integrate many sources of clocks:
•
LSE: 32.768KHz external oscillator, for accurate RTC and calibration with other
embedded RC oscillators
•
LSI1: 32 KHz on-chip low-consumption RC oscillator
•
LSI2: almost 32 KHz on-chip high-stability RC oscillator, used by the RF subsystem
•
HSE: high quality 32 MHz external oscillator with trimming, needed by the RF
subsystem
•
HSI16: 16 MHz high accuracy on-chip RC oscillator
•
MSI: 100 KHz to 48 MHz multiple speed on-chip low power oscillator, can be trimmed
using the LSE signal
•
HSI48: 48 MHz on-chip RC oscillator, for USB crystal-less purpose
The clock controller (see Figure 7) distributes the clocks coming from the different
oscillators to the core and the peripherals including the RF subsystem. It also manages
clock gating for low power modes and ensures clock robustness. It features:
•
Clock prescaler: to get the best trade-off between speed and current consumption,
the clock frequency to the CPU and peripherals can be adjusted by a programmable
prescaler
•
Safe clock switching: clock sources can be changed safely on the fly in run mode
through a configuration register.
•
Clock management: to reduce power consumption, the clock controller can stop the
clock to the core, individual peripherals or memory.
•
System clock source: four different clock sources can be used to drive the master
clock SYSCLK:
–
16 MHz high-speed internal RC oscillator (HSI16), trimmable by software, that can
supply a PLL
–
Multispeed internal RC oscillator (MSI), trimmable by software, able to generate
12 frequencies from 100 kHz to 48 MHz. When a 32.768 kHz clock source is
available in the system (LSE), the MSI frequency can be automatically trimmed by
hardware to reach better than ±0.25% accuracy. The MSI can supply a PLL.
–
System PLL that can be fed by HSE, HSI16 or MSI, with a maximum frequency of
64 MHz.
•
Auxiliary clock source: two ultralow-power clock sources that can be used to drive
the LCD controller and the real-time clock:
–
32.768 kHz low-speed external crystal (LSE), supporting four drive capability
modes. The LSE can also be configured in bypass mode for an external clock.
–
32 kHz low-speed internal RC (LSI), also used to drive the independent watchdog.
The LSI clock accuracy is ±5%. The LSI source can be either the LSI1 or the LSI2
on-chip oscillator.
•
Peripheral clock sources: Several peripherals (RNG, SAI, USARTs, I2Cs, LPTimers,
ADC) have their own independent clock whatever the system clock. Two PLLs, each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com