Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 85Page - STMicroelectronics STM32WB55VG Datasheet HTML 86Page - STMicroelectronics STM32WB55VG Datasheet HTML 87Page - STMicroelectronics STM32WB55VG Datasheet HTML 88Page - STMicroelectronics STM32WB55VG Datasheet HTML 89Page - STMicroelectronics STM32WB55VG Datasheet HTML 90Page - STMicroelectronics STM32WB55VG Datasheet HTML 91Page - STMicroelectronics STM32WB55VG Datasheet HTML 92Page - STMicroelectronics STM32WB55VG Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 165 page
background image
DS11929 Rev 3
89/165
STM32WB55xx
Electrical characteristics
152
Table 37. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF), VDD= 3.3 V
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD(Run)
Supply current in
Run mode
Reduced code(1)
1.90
mA
119
µA/MHz
Coremark
1.85
116
Dhrystone 2.1
1.85
116
Fibonacci
1.75
109
While(1)
1.60
100
Reduced code(1)
8.15
mA
127
µA/MHz
Coremark
8.00
125
Dhrystone 2.1
8.10
127
Fibonacci
7.60
119
While(1)
6.85
107
Reduced code(1)
5.00
mA
78
µA/MHz
Coremark
4.95
77
Dhrystone 2.1
4.95
77
Fibonacci
4.75
74
While(1)
4.40
69
Reduced code(1)
TBD
mA
TBD
µA/MHz
Coremark
TBD
TBD
Dhrystone 2.1
TBD
TBD
Fibonacci
TBD
TBD
While(1)
TBD
TBD
IDD(LPRun)
Supply current in
Low-power run
fHCLK = fMSI = 2 MHz
All peripherals disable
Reduced code(1)
320
µA
160
µA/MHz
Coremark
350
175
Dhrystone 2.1
350
175
Fibonacci
390
195
While(1)
225
113
1. Reduced code used for characterization results provided in Table 35 and Table 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com