Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WB55VG Datasheet HTML 1Page - STMicroelectronics STM32WB55VG Datasheet HTML 2Page - STMicroelectronics STM32WB55VG Datasheet HTML 3Page - STMicroelectronics STM32WB55VG Datasheet HTML 4Page - STMicroelectronics STM32WB55VG Datasheet HTML 5Page - STMicroelectronics STM32WB55VG Datasheet HTML 6Page - STMicroelectronics STM32WB55VG Datasheet HTML 7Page - STMicroelectronics STM32WB55VG Datasheet HTML 8Page - STMicroelectronics STM32WB55VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 165 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2018
DS11929 Rev 3
1/165
STM32WB55xx
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4
with FPU, Bluetooth® Low Energy and 802.15.4 radio solution
Datasheet
- preliminary data
Features
• Includes ST state-of-the-art patented
technology
• Radio
– 2.4 GHz
– RF transceiver supporting Bluetooth®
specification v5.0 and
IEEE 802.15.4-2011 PHY and MAC
– RX Sensitivity: -96 dBm (Bluetooth® Low
Energy at 1 Mbps), -100 dBm (802.15.4)
– Programmable output power up to +6 dBm
with 1 dB steps
– Integrated balun to reduce BOM
– Support for 2 Mbps
– Dedicated Arm® 32-bit Cortex® M0 + CPU
for real-time Radio layer
– Accurate RSSI to enable power control
– Suitable for systems requiring compliance
with radio frequency regulations ETSI EN
300 328, EN 300 440, FCC CFR47 Part 15
and ARIB STD-T66
– Support for external PA
• Ultra-low-power platform
– 1.71 V to 3.6 V power supply
– – 40 °C to 85 / 105 °C temperature ranges
– 13 nA shutdown mode
– 600 nA Standby mode + RTC + 32 KB RAM
– 2.1 µA Stop mode + RTC + 256 KB RAM
– Active-mode MCU + RF (SMPS On)
< 53 µA / MHz
– RX: 3.8 mA
– TX at 0 dBm: 5.5 mA
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from Flash memory, frequency up to 64 MHz,
MPU, 80 DMIPS and DSP instructions
• Supply and Reset management
– High efficiency embedded SMPS
step-down converter with intelligent bypass
mode
– Ultra-safe, low-power BOR (brownout
reset) with five selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
–VBAT mode with RTC and backup registers
• Clock sources
– 32 MHz crystal oscillator with integrated
trimming capacitors (Radio and CPU clock)
– 32 kHz crystal oscillator for RTC (LSE)
– Internal low-power 32 kHz (±5%) RC (LSI1)
– Internal low-power 32 kHz (stability ±500
ppm) RC (LSI2)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25% accuracy)
– High Speed internal 16 MHz factory
trimmed RC (±1%)
– 2x PLL for system clock, USB, SAI and
ADC
• Memories
– Up to 1 MB Flash memory with sector
protection (PCROP) against R/W
operations, enabling authentic Bluetooth®
Low Energy and 802.15.4 SW stack
– Up to 256 KB SRAM, including 64 KB with
hardware parity check
– 20x32-bit Backup register
– Boot loader supporting, USART, SPI, I2C
and USB interfaces
.
UFQFPN48
VFQFPN68
WLCSP100
0.4 mm pitch
7 mm x 7 mm
solder pad
solder pad
8 mm x 8 mm
www.st.com


Similar Part No. - STM32WB55VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB55VG STMICROELECTRONICS-STM32WB55VG Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB55VGQ6ATR STMICROELECTRONICS-STM32WB55VGQ6ATR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB55VGQ6ATR STMICROELECTRONICS-STM32WB55VGQ6ATR Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
STM32WB55VGQ6AXXX STMICROELECTRONICS-STM32WB55VGQ6AXXX Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
STM32WB55VGQ6TR STMICROELECTRONICS-STM32WB55VGQ6TR Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
November 2020 Rev 10
More results

Similar Description - STM32WB55VG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
STMicroelectronics
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
logo
NXP Semiconductors
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
Texas Instruments
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
logo
STMicroelectronics
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
ARM Cortex-M23 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com