Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 30Page - STMicroelectronics STM32WB55VG Datasheet HTML 31Page - STMicroelectronics STM32WB55VG Datasheet HTML 32Page - STMicroelectronics STM32WB55VG Datasheet HTML 33Page - STMicroelectronics STM32WB55VG Datasheet HTML 34Page - STMicroelectronics STM32WB55VG Datasheet HTML 35Page - STMicroelectronics STM32WB55VG Datasheet HTML 36Page - STMicroelectronics STM32WB55VG Datasheet HTML 37Page - STMicroelectronics STM32WB55VG Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 165 page
background image
Table 8. STM32WB55xx modes overview
Mode
Regulator
CPU1
Flash
SRAM
Clocks
DMA and Peripherals
Wakeup source
Consumption(1)
Wakeup time(2)
Run
Range 1
Yes
ON(3)(4)
ON
Any
All
N/A
107 µA/MHz
N/A
Range2
All except RNG and USB-FS(5)
100 µA/MHz
LPRun
LPR
Yes
ON(3)
ON
Any
except
PLL
All except RF, RNG and USB-FS
N/A
103 µA/MHz
15.33 µs
Sleep
Range 1
No
ON(3)
ON(6)
Any
All
Any interrupt
or event
41 µA/MHz
9 cycles
Range 2
All except RNG and USB-FS(5)
46 µA/MHz
LPSleep
LPR
No
ON(3)
ON(6)
Any
except
PLL
All except RF, RNG and USB-FS
Any interrupt
or event
45 µA/MHz
9 cycles
Stop 0
Range 1
No
OFF
ON
LSE,
LSI,
HSE(7),
HSI16(8)
RF(5), BOR, PVD, PVM
RTC, LCD, IWDG
COMPx (x=1, 2)
USART1(9)
LPUART1(9)
I2Cx (x=1, 3)(10)
LPTIMx (x=1, 2), SMPS
All other peripherals are frozen.
Reset pin, all I/Os,
RF, BOR, PVD, PVM
RTC, LCD, IWDG
COMPx (x=1, 2)
USART1
LPUART1
I2Cx (x=1, 3)
LPTIMx (x=1, 2)
USB
100 µA
1.7 µs
Range 2
Stop 1
LPR
No
OFF
ON
LSE,
LSI,
HSE(7),
HSI16(8)
RF, BOR, PVD, PVM
RTC, LCD, IWDG
COMPx (x=1, 2)
USART1(13)
LPUART1(13)
I2Cx (x=1, 3)(14)
LPTIMx (x=1, 2)
All other peripherals are frozen.
Reset pin, all I/Os
RF, BOR, PVD, PVM
RTC, LCD, IWDG
COMPx (x=1, 2)
USART1
LPUART1
I2Cx (x=1, 3)
LPTIMx (x=1, 2)
USB
9.2 µA w/o RTC
9.6 µA w RTC
4.7 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com