Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 21Page - STMicroelectronics STM32WB55VG Datasheet HTML 22Page - STMicroelectronics STM32WB55VG Datasheet HTML 23Page - STMicroelectronics STM32WB55VG Datasheet HTML 24Page - STMicroelectronics STM32WB55VG Datasheet HTML 25Page - STMicroelectronics STM32WB55VG Datasheet HTML 26Page - STMicroelectronics STM32WB55VG Datasheet HTML 27Page - STMicroelectronics STM32WB55VG Datasheet HTML 28Page - STMicroelectronics STM32WB55VG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 165 page
background image
DS11929 Rev 3
25/165
STM32WB55xx
Functional overview
69
Figure 4. Power distribution
The SMPS can also be switched On or set in bypass mode at any time by the application
software, for example when very accurate ADC measurement are needed.
3.7.2
Power supply schemes
The STM32WB55xx devices have different voltage supplies (see Figure 6) and can operate
within the following voltage ranges:
•
VDD = 1.71 V to 3.6 V: external power supply for I/Os (VDDIO), the internal regulator and
system functions such as RF, SMPS, reset, power management and internal clocks. It
is provided externally through VDD pins. VDDRF and VDDSMPS must be always
connected to VDD pins.
•
VDDA = 1.62 V (ADC/COMPs) to 3.6 V: external analog power supply for ADC,
comparators and voltage reference buffer. The VDDA voltage level can be independent
from the VDD voltage. When not used VDDA should be connected to VDD.
•
VDDUSB = 3.0 V to 3.6 V: external independent power supply for USB transceivers.
When not used VDDUSB should be connected to VDD.
•
VLCD = 2.5 V to 3.6 V: the LCD controller can be powered either externally through the
VLCD pin, or internally from an internal voltage generated by the embedded step-up
converter. This converter can generate a VLCD voltage up to 3.6 V if VDD is higher than
2.0 V.
Table 6. Power supply typical components
Component
Description
Value
C2
SMPS output capacitor(1)
1. e.g. GRM155R60J475KE19.
4.7 µF
L1
SMPS inductance
For 8 MHz(2)
2. e.g. Wurtz 74479774222.
2.2 µH
For 4 MHz(3)
3. e.g. Murata LQM21FN100M70L.
10 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com