Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 8Page - STMicroelectronics STM32WB55VG Datasheet HTML 9Page - STMicroelectronics STM32WB55VG Datasheet HTML 10Page - STMicroelectronics STM32WB55VG Datasheet HTML 11Page - STMicroelectronics STM32WB55VG Datasheet HTML 12Page - STMicroelectronics STM32WB55VG Datasheet HTML 13Page - STMicroelectronics STM32WB55VG Datasheet HTML 14Page - STMicroelectronics STM32WB55VG Datasheet HTML 15Page - STMicroelectronics STM32WB55VG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 165 page
background image
Description
STM32WB55xx
12/165
DS11929 Rev 3
2
Description
The STM32WB55xx multiprotocol wireless and ultra-low-power devices embed a powerful
and ultra-low-power radio compliant with the Bluetooth® Low Energy SIG specification v5.0
and with IEEE 802.15.4-2011. They contain a dedicated Arm® Cortex® -M0+ for performing
all the real-time low layer operation.
The STM32WB55xx devices are designed to be extremely low-power and are based on the
high-performance Arm® Cortex®-M4 32-bit RISC core operating at a frequency of up to
64 MHz. The Cortex®-M4 core features a Floating point unit (FPU) single precision that
supports all Arm® single-precision data-processing instructions and data types. It also
implements a full set of DSP instructions and a memory protection unit (MPU) that
enhances application security.
Enhanced inter-processor communication is provided by the IPCC with six bidirectional
channels. The HSEM provides hardware semaphores used to share common resources
between the two processors.
The STM32WB55xx devices embed high-speed memories (Flash memory up to 1 Mbyte,
up to 256 Kbyte of SRAM), a Quad-SPI Flash memory interface (available on all packages)
and an extensive range of enhanced I/Os and peripherals.
Direct data transfer between memory and peripherals and from memory to memory is
supported by fourteen DMA channels with a full flexible channel mapping by the DMAMUX
peripheral.
The STM32WB55xx devices embed several mechanisms for embedded Flash memory and
SRAM: readout protection, write protection and proprietary code readout protection.
Portions of the memory can be secured for Cortex® -M0+ exclusive access.
The two AES encryption engines, PKA and RNG enable lower layer MAC and upper layer
cryptography. A customer key storage feature may be used to keep the keys hidden.
The devices offer one fast 16-bit ADC and two ultra-low-power comparators associated with
a high accuracy reference voltage generator
The STM32WB55xx devices embed a low-power RTC, one advanced 16-bit timer, one
general-purpose 32-bit timer, two general-purpose 16-bit timers, and two 16-bit low-power
timers.
In addition, up to 28 capacitive sensing channels are available. The devices also embed an
integrated LCD driver up to 8x40 or 4x44, with internal step-up converter.
They also feature standard and advanced communication interfaces:
•
one USART (ISO 7816, IrDA, Modbus and Smartcard mode)
•
one Low Power UART (LPUART)
•
two I2C (SMBus/PMBus)
•
two SPI (up to 32 MHz)
•
one Serial Audio Interface with two channels and three PDMs (SAI)
•
one USB 2.0 FS device with embedded crystal-less oscillator, supporting BCD and
LPM
•
one Quad-SPI with Execute in Place (XIP) capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com