Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 148Page - STMicroelectronics STM32WB55VG Datasheet HTML 149Page - STMicroelectronics STM32WB55VG Datasheet HTML 150Page - STMicroelectronics STM32WB55VG Datasheet HTML 151Page - STMicroelectronics STM32WB55VG Datasheet HTML 152Page - STMicroelectronics STM32WB55VG Datasheet HTML 153Page - STMicroelectronics STM32WB55VG Datasheet HTML 154Page - STMicroelectronics STM32WB55VG Datasheet HTML 155Page - STMicroelectronics STM32WB55VG Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 165 page
background image
Electrical characteristics
STM32WB55xx
152/165
DS11929 Rev 3
USB characteristics
The STM32WB55xx USB interface is fully compliant with the USB specification version 2.0,
and is USB-IF certified (for Full-speed device operation).
Table 94. USB electrical characteristics(1)
1. TA = -40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDUSB
USB transceiver operating voltage
-
3.0(2)
2. The STM32WB55xx USB functionality is ensured down to 2.7 V, but the full USB electrical characteristics
are degraded in the 2.7 to 3.0 V voltage range.
-3.6
V
Tcrystal_less
USB crystal-less
operation temperature
--15
-
85
°
C
RPUI
Embedded USB_DP pull-up value
during idle
-
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up value
during reception
-
1400
2300
3200
ZDRV(3)
3. Guaranteed by design.
Output driver impedance(4)
4. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching
impedance is already included in the embedded driver.
Driving high and low
28
36
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com