Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 157Page - STMicroelectronics STM32WB55VG Datasheet HTML 158Page - STMicroelectronics STM32WB55VG Datasheet HTML 159Page - STMicroelectronics STM32WB55VG Datasheet HTML 160Page - STMicroelectronics STM32WB55VG Datasheet HTML 161Page - STMicroelectronics STM32WB55VG Datasheet HTML 162Page - STMicroelectronics STM32WB55VG Datasheet HTML 163Page - STMicroelectronics STM32WB55VG Datasheet HTML 164Page - STMicroelectronics STM32WB55VG Datasheet HTML 165Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 164 / 165 page
background image
Revision history
STM32WB55xx
164/165
DS11929 Rev 3
08-Oct-2018
3
(cont’d)
Updated Figure 2: STM32WB55xx RF front-end block diagram, Figure 13:
Power supply scheme, Figure 16: Typical energy detection (T = 27°C,
VDD = 3.3 V) and Figure 22: I/O input characteristics.
Added Figure 5: Power-up/down sequence, Figure 15: Typical link quality
indicator code vs. Rx level and Figure 16: Typical energy detection (T =
27°C, VDD = 3.3 V).
Added Table 24: RF transmitter BLE characteristics (1 Mbps), Table 25:
RF transmitter BLE characteristics (2 Mbps), Table 27: RF receiver BLE
characteristics (2 Mbps), Table 52: HSE crystal requirements and
Table 88: Minimum I2CCLK frequency in all I2C modes.
Added Device marking for UFQFPN48.
Removed former Figure 22: I/O AC characteristics definition(1) and
Figure 27: SMPS efficiency - VDDSMPS = 3.6 V.
Table 99. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com