Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWH656FTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Product Information
Page 5 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Operating States
The RFASWH656FTF03 has four operating states, that are ACTIVE, SHUTDOWN, STATUP and LOW POWER. The
transitions between these four states are set writing the PWR_MODE register or VIO as shown in Figure 4. The internal
circuit operations in each operating state are shown in Table 4.
Figure 4. Slave State Diagram
Table 4. RFASWH656FTF03 Internal Operations (Note 1)
Operating State
RFFE Slave Controller
RF Switch Core
Charge Pump
SHUTSOWN
Inactive
Undetermined (Note1)
Off
STARTUP
All registers are set to Default value
Undetermined (Note1)
Off
ACTIVE
Active
Controllable by mipi-command
On
LOW POWER
Active
Undetermined (Note1)
Off
Note 1 : All switch are insufficiently On or Off as the Charge pump is not powered up.
Figure 5. LOW POWER to AVTIVE Process
Note 2 : Vcp is the output voltage of internal charge-pump circuit. The Vcp traces in above figure are only image for
illustrative purpose.
SHUTDOWN
LOW POWER
STARTUP
(All Resisters Reset to Default)
ACTIVE
PWR_MODE=0b10
PWR_MODE=0b00
VIO=HIGH
VIO=LOW
PWR_MODE=0b01
(automatic)
Register Write Command
(PWR_MODE=0b00)
SCLK
SDATA
Vcp
(note2)
Slave State
Tsu
RF switch activate time
SSC
P
BP
(During this transition,
don
’t write Switch_State Register)
ACTIVE
state
LOWPOWER
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com