Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWH656FTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Product Information
Page 3 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Table 1. RFASWH656FTF03 Pin Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
VIO
RFFE Interface Power Supply
8
N/C
Not connected
2
SDATA
RFFE Data input/output
9
ANT
Antenna port
3
SCLK
RFFE Clock Input
10
TRX1
RF path 1
4
GND
Ground
11
TRX2
RF path 2
5
TRX6
RF path 6
12
TRX3
RF path 3
6
TRX5
RF path 5
13
N/C
Not connected
7
TRX4
RF path 4
14
VDD
DC power supply
Note 1:Bottom ground paddles must be connected to ground.
Application Circuit
14
1
ANT
VDD
C1
VIO
C2
SCLK
SDATA
2
3
10
9
8
13
12
11
4
5
6
7
N/C
TRX1
Figure 3. RFASWH656FTF03 Application Circuit
Note: No DC Blocking capacitors are required for all RF ports unless DC is biased externally.
Parts List
Parts No.
Value
C1-C2
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com