Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWH656FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Product Information
Page 9 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Table 9. Register Mapping
Table 9. shows the list of the registers inside the RFASWH656FTF03.
Register Address
Bits
Read/Write
Description
Default Value
(binary)
Hex
Binary
0x00
00000
[7:0]
R/W
Switch Control Register
See Table 10
0x1A
11010
[7:0]
R/W
RFFE Status (see Table 11)
0000 0000
0x1B
11011
[3:0]
R/W
GSID
0000 0000
0x1C
11100
[7:6]
[5:0]
R/W
Power Mode (see Table 12)
Triggers (see Table 13)
00
000000
0x1D
11101
[7:0]
R
Product ID
0100 1001
0x1E
11110
[7:0]
R
Manufacturer ID [7:0]
0010 0110
0x1F
11111
[7:6]
[5:4]
[3:0]
R
SPARE
00
Manufacturer ID [9:8]
01
USID
1011
Note : The RFASWH656FTF03 start-up procedure as below description.
The RFASWH656FTF03 requires to be disabled the triggers before programming the switch control registers when
RFASWH656FTF03 operating in the active mode. The table of register address setup as below.
Register Address
Bits
Read/Write
Value (binary)
Hex
Binary
0x1C
11100
[7:6]
[5:0]
R/W
00
111000
Table 10. Switch Control Register
Antenna Path
Register_0 Bits
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
TRX1
0
0
0
0
1
0
1
1
TRX2
0
0
0
0
1
0
0
1
TRX3
0
0
0
0
0
1
1
1
TRX4
0
0
0
0
0
0
0
1
TRX5
0
0
0
0
0
0
1
1
TRX6
0
0
0
0
0
1
0
1
Sleep
0
0
0
0
0
0
0
0
Isolation mode
0
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com