Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWH656FTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary Product Information
Page 6 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Table 5. RFASWH656FTF03 RF Electrical Specifications (Note 1)
(Top= 25°C, VDD = 2.8 V, VIO=1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typ.
Max
Units
Operating frequency
f
0.4
2.7
GHz
Insertion loss
IL
TRXx ports:
704 to 960 MHz
1710 to 1980 MHz
2110 to 2170 MHz
2300 to 2690 MHz
-
0.40
0.50
0.65
0.76
0.50
0.65
0.75
0.90
dB
dB
dB
dB
Isolation
(TRXx to any off TRXx port
[non-adjacent ports])
Iso
Up to 1.0 GHz
Up to 2.0 GHz
Up to 2.7 GHz
30
25
20
42
29
25
dB
dB
dB
Isolation
(TRXx to any off TRXx port
[adjacent ports])
Iso
Up to 1.0 GHz
Up to 2.0 GHz
Up to 2.7 GHz
26
20
17
32
25
20
dB
dB
dB
On state match
VSWR
Up to 2.7 GHz
1.43
2.0
-
TRXx harmonics
2fo, 3fo
PIN = +26 dBm,
5:1 VSWR,
f = 824 to 2700 MHz
-100
-90
dBc
2nd Order Intermodulation
Distortion
IMD2
See test conditions in Table 6
-106
-100
dBm
3rd Order Intermodulation
Distortion
IMD3
See test conditions in Table 7
-105
-101
dBm
Turn-on time
tON
From application of VDD and VIO
20
μs
Switching speed
tS
Port to port
5
μs
Note 1 : Performance is guaranteed only under the conditions listed in this Table.
Table 6. IMD2 Test Conditions
Band
Transmit
Frequency (MHz)
Transmit Power
(dBm)
Frequency
Blocker, Low
(MHz)
Frequency
Blocker, High
(MHz)
Power Blocker
(dBm)
Receive
Frequency (MHz)
1
1950.0
+20
190
4090
-15
2140.0
2
1880.0
80
3840
1960.0
4
1732.5
400
3865
2132.5
5
836.5
45
1718
881.5
7
2535.0
120
5190
2655.0
8
897.5
45
1840
942.0
Table 7. IMD3 Test Conditions
Band
Transmit
Frequency (MHz)
Transmit Power
(dBm)
Frequency
Blocker (MHz)
Power Blocker
(dBm)
Receive
Frequency (MHz)
1
1950.0
+20
1760.0
-15
2140.0
2
1880.0
1800.0
1960.0
4
1732.5
1332.5
2132.5
5
836.5
791.5
881.5
7
2535.0
2415.0
2655.0
8
897.5
852.5
942.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com