Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Product Information
Page 11 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Table 14. Dimensions
Figure
Symbol
Dimension
T
W
L
I
A
H
E
C
G
D
B
F
L
2.0 ± 0.05mm
W
2.0 ± 0.05mm
T
0.55± 0.05mm
A
0.18 ± 0.05mm
B
0.22 ± 0.05mm
C
0.122 ± 0.05mm
D
0.18 ± 0.05mm
E
0.40 ± 0.05mm
F
0.21 ± 0.05mm
G
0.98 ± 0.05mm
H
0.98 ± 0.05mm
I
0.30 ± 0.05mm x 45°
Solder land pattern for reference only
Unit : mm
Package Outline(Red Line)
Solder Resist(Green Color)
Land Pattern(Yellow Color)
0.18
0.98
0.05
0.18
0.4
0.98
0.05
0.21
0.4
0.21
Figure 10. Solder Land Pattern Top View
Top View
Side View
Bottom View
Pin 1
Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com