Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary Product Information
Page 10 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Table 11. RFFE Status
D[7:0]
Read/Write
Description
D[7]
R/W
SOFTWARE RESET
D[6]
R
COMMAND_FRAME_ PARITY_ERR
D[5]
COMMAND_LENGTH_ERR
D[4]
ADDRESS_FRAME_PARITY_ERR
D[3]
DATA_FRAME_PARITY_ERR
D[2]
READ_UNUSED_REG
D[1]
WRITE_UNUSED_REG
D[0]
BID_GID_ERR
Table 12. Power Mode
D[7:6]
Read/Write
Status
00b
W
Part enters Active mode
R
Part is in Active mode
01b
W
Part enters Start Up mode - part is reset
R
Start Up mode will immediately transition to Low Power mode
10b
W
Part enters Low Power mode
R
Part is in Low Power mode
11b
N/A
Will not occur - The state is discarded
Will not occur - The state is discarded
Table 13. Trigger States
D[5:0]
Read/Write
Status
D[5]
R/W
1 = Trigger 2 Disabled, 0 = Trigger 2 Enabled
D[4]
1 = Trigger 1 Disabled, 0 = Trigger 1 Enabled
D[3]
1 = Trigger 0 Disabled, 0 = Trigger 0 Enabled
D[2]
W
1 = Load Bits to Trigger 2, Trigger 2 states is Disabled
D[1]
1 = Load Bits to Trigger 1, Trigger 1 states is Disabled
D[0]
1 = Load Bits to Trigger 0, Trigger 0 states is Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com