Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 13 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 13 Page - WALSIN TECHNOLOGY CORPORATION

Back Button RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Product Information
Page 13 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
Soldering condition
Typical examples of soldering processes that provide reliable joints without any damage are given in Figure 11.
Figure 11. Infrared soldering profile
Ordering code
RF
ASW
H
656F
T
RF module
RF:
Walsin RF Switch
Device
Module type
ASW: Antenna Switch
Application
H : SP6T
Design Code
Packing
T: Taping
Minimum Ordering Quantity: 3000 pcs per reel.
Packaging
Ao
Po
P2
P1
D
T
260
245
217
200
150
10 sec
Time
30 sec min.
60~150 sec
480 sec max. to Peak
25
max. ramp up rate = 3°C/s
max. ramp down rate = 6°C/s
For SnAgCu series solder paste
∅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com