Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWH656FTF03 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWH656FTF03
Description  Any 2G/3G/4G Antenna Diversity For Receive System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWH656FTF03 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWH656FTF03 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWH656FTF03 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Preliminary Product Information
Page 2 of 14
ASC_RFASWH656FTF03_V02
Sep. 2017
FEATURES
Low Insertion Loss and Low Distortion
:
Broadband frequency range
:0.4 to 2.7 GHz
High Isolation and linearity
::
Integrated MIPI RFFE Slave Controller
::
High ESD tolerance of 2kV HBM at all pins
::
QFN(14-pin, 2.0 x 2.0 x 0.55 mm3) package
Moisture Sensitive Level 3 (MSL3)
:
Description
The RFASWH656FTF03 is a Single Pole, Six Throw (SP6T) antenna switch with an integrated Mobile Industry
Processor Interface (MIPI) controller. Using an advanced switching technology, the RFASWH656FTF03 maintains
low insertion and high isolation, which makes it an ideal choice for UMTS, CDMA2000, EDGE, GSM, and LTE
applications. The RFASWH656FTF03 is manufactured in a QFN-14 (2.0 x 2.0 x 0.55 mm3) package.
The design integrated six low loss TRX ports. The switch also has an excellent 2nd/3rd Order Intermodulation
Distortion (IMD2/IMD3) performance.
Switching is controlled by the MIPI decoder and High ESD tolerance of 2kV HBM at all pins.
No blocking capacitor requirements on the RF paths as long as no DC voltage is applied. The RFASWH656FTF03 is
manufactured in a compact, 2.0 x 2.0 x 0.55 mm3 package.
The functional block diagram is shown in Figure 1. The pin assignment and package are shown in Figure 2. Signal
pin assignments and functional pin descriptions are provided in Table 1.
Application
2G/3G/4G multimode cellular handsets (LTE, UMTS, CDMA2000, EDGE, GSM, TDD-LTE, TD-SCDMA)
Block Diagram and Pin Out (Top View)
Figure 1. RFASWH656FTF03 Block Diagram
Figure 2. RFASWH656FTF03 Pin assignment
1
2
3
4
5
6
7
8
9
10
11
12
14
13
TRX1
TRX2
TRX3
TRX4
TRX5
TRX6
ANT
VIO
SDATA
SCLK
VDD
RFFE Slave
Controller
Power Supply
(with Charge Pump)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com