Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 45 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 45 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Chip Type Discriminators CDSCA Series Notice
44
12
s Notice (Soldering and Mounting)
1. Standard Reflow Soldering Condition
(1) Reflow
The component cannot be withstand washing.
2. Wash
Lead terminal is directly contacted with the tip of
soldering iron of +280
±5°C for 3.0 seconds±0.5 seconds.
(2) Soldering Iron
5 sec
Gradual
Cooling
150
240
260
60
60
Time (sec.)
s Notice (Handling)
1. The component mounted on the PCB may be damaged if
excess mechanical stress is applied.
2. Layout the components on the PCB to minimize the
stress imposed by the warp or flexure of the board.
3. After installing components, if solder is excessively
applied to the circuit board, mechanical stress will cause
destruction resistance characteristics to be lower. To
prevent this, be extremely careful in determining shape
and dimension before designing the circuit board diagram.
4. When the positioning claw or pick up nozzle are worn, the
excess load is applied to the components while
positioning or placing are performed. Careful checking
and maintenance are necessary to prevent unexpected
trouble.
5. When correcting component's position with a soldering
iron, the tip of the soldering iron should not directly touch
the chip component. Depending on the soldering
conditions, the effective area of terminations may be
reduced. The use of solder containing Ag should be
considerd to prevent the electrode erosion.
6. Do not clean or wash the component as it is not
hermetically sealed.
7. In case of overcoating the part, coating conditions such
as material, curing temperature, and so on must be
evaluated deeply.
8. Accurate test circuit values are required to measure
electrical characteristics.
It may be a cause of mis-correlation if there is any
deviation, especially stray capacitance, from the test
circuit in the specification.
[Component direction]
[Component layout close to board]
Put the
component
laterally to the
direction in
which stress
acts.
Susceptibility to
stress is in the order
of : A>C>B
B
A
C
Slit
Perforation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com