Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
23
7
Ceramic Filters (CERAFILr) for FM Receivers
CERAFILr Wider Band-width Type
SFELA10M7 Series for FM-receivers are monolithic type
ceramic filters which use the energy trapped thickness
vibration-mode of the piezoelectric ceramic.
s Features
1. Realizes wider or narrower band characteristics not
obtained by conventional ceramic filters.
2. Temperature characteristics are the best available,
the same as those of Murata's conventional ceramic
filters. Thus, even in the case of narrow band
filters, the center frequency is stable even if
temperature changes.
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7EA00-B0
(1)
(2)
(3)
7.0
±2.0
2.5
±0.2
0.5
±0.1
1.7
±0.1
1.38
±0.2
2.5
±0.2
M A R K I N G
E I A J
C O D E
(in mm)
(1) : Input
(2) : Ground
(3) : Output
SFELA10M7DF00-B0
Part Number
Center Frequency (fo)
(MHz)
Nominal
Center Frequency(fn)
(MHz)
3dB Bandwidth
(kHz)
Attenuation
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
SFELA10M7EA00-B0
10.700
±30kHz
-
within330
±50kHz
680 max.
within4.0
±2.0dB
30 min.
SFELA10M7DF00-B0
-
10.700
fn
±175 min.
950 max.
within3.0
±2.0dB
20 min.
Area of Attenuation : [within 20dB]
Area of Spurious Attenuation : [within 9MHz to 12MHz]
Center frequency(fo) defined by the center of 3dB bandwidth.
(fn) means nominal center frequency.
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com