Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 38 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 38 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
Lead Type CERAFILr Characteristics Data and Notice
37
10
s Loaded Resistance and Waveform (Rg+R1=330ohm)
SFELA10M7GA00-B0
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
R2=220
R2=330
R2=560
R2=1k
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
s Loaded Capacitance and Waveform (Rg+R1=R2=330ohm)
SFELA10M7GA00-B0
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
0
1.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
C=10pF
C=33pF
C=56pF
C=82pF
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
s Notice (Soldering and Mounting)
The component cannot be withstand washing.
s Notice (Handling)
1. Do not use this product with bend. The component
may be damaged if excess mechanical stress is
applied to it mounted on the printed circuit board.
2. The component may be damaged when an excess stress
will be applied.
3. All kinds of re-flow soldering must not be applied
on the component.
4. Do not clean or wash the component as it is not
hermetically sealed.
5. Do not use strong acidity flux, more than 0.2wt%
chlorine content, in flow soldering.
6. In case of covering discriminator with over coat,
conditions such as material of resin, cure
temperature, and so on should be evaluated well.
7. Accurate test circuit values are required to
measure electrical characteristics. It may be a
cause of mis-correlation if there is any deviation,
especially stray capacitance, from the test
circuit in the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com