Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 40 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 40 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
39
11
s CDACV10M7GA001-R0
Test Circuit
1
µ
0.01
µ
280
AFC
CX20029
Vcc=+3.0V
Unit
R :
Ω
C : F
S.S.G.
REF
AF OUTPUT
+
–
5
33
28
9
39
32
Frequency Characteristics
10.4
10.5
10.6
10.8
10.9
11.0
10.7
Frequency (MHz)
0.1
1
10
100
1
10
100
1000
Distortion
AF Output
Input Level
Mod. Freq.
Freq.Dev.
100dB
µ
1000Hz
±22.5kHz
Input signal conditions
s CDACV10M7GA016-R0
Test Circuit
VCC +3V
DC Out AF Out
CDACV10M7GA016
SFELA10M7DF00
IF in
TA8122F (TOSHIBA)
+
+
1
2
3
4
5
6
7
8
9
10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
Unit
R :
Ω
C : F
Frequency Characteristics
10.5
10.4
10.6
10.7
10.8
10.9
11.0
Frequency (MHz)
0.1
1
10
100
1
10
100
1000
Distortion
AF Output
Input Level
Mod. Freq.
Freq.Dev.
80dB
µ
1000Hz
±22.5kHz
Input signal conditions
s CDACV10M7GA046-R0
Test Circuit
24
13
14
15
16
17
18
19
20
21
22
23
1
12
11
10
9
8
7
6
5
4
3
2
LA1832
(SANYO)
AFC
IF-IN
300
0.047
µ
0.047
µ
100
µ
75
10
µ
2.2
µ
270
REG
CDALA10M7GA046
3k
1
µ
Vcc (5V)
AF OUT
+
Unit
R :
Ω
C : F
1
µ
0.01
µ
0.01
µ
CSBLA456KE2ZF15
+
1200p
0.047
µ
5.6k
6.8k
+
3.3
µ
22
µ
1
µ
+
+
+
Frequency Characteristics
10.5
10.4
10.6
10.7
10.8
10.9
11.0
Frequency (MHz)
0.1
1
10
100
1
10
100
1000
Distortion
AF Output
Input Level
Mod. Freq.
Freq.Dev.
112dB
µ
1000Hz
±75kHz
Input signal conditions
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com