Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECV10M7FA00-R0 Datasheet(PDF) 43 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7FA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7FA00-R0 Datasheet(HTML) 43 Page - Murata Manufacturing Co., Ltd.

Back Button SFECV10M7FA00-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFECV10M7FA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
42
12
Ceramic Filters (CERAFILr) for FM Receivers
Discriminators Chip Low-profile Type CDSCA Series
CDSCA10M7 series forms a resonator on a piezo electric
ceramic sabstrate. In combination with ICs, this type
obtains stable demoduration characteristics in wide
bandwidth.
s Features
1. Compact and high reliability and recommended for
automotive applications.
2. Can be combined with various ICs. The IC is
determined by the last number in the part number.
3. Stable demoduration characteristics can be
obtained without adjustment.
4. Stable temperature characteristics.
5. Recommended for Pb free soldering.
4.1max
4.5
±0.1
0.2
±0.2
0.4(ref.)
0.4(ref.)
0.4
±0.05
1.5
±0.1
0.8
±0.1
0.8
±0.1
1.5
±0.1
(in mm)
Part Number
Center Frequency (fo)
(MHz)
Recovered Audio 3dB BW
(kHz)
Recovered Audio Output
(mV)
Distortion
(%)
IC
Detection Method
CDSCA10M7GF107-R0
10.700 (fn)
fn
±80 min.
52 min.
3.0 max.
TA31272F
Quadrature
(fn) means nominal center frequency.
s Standard Land Pattern Dimensions
1.0
2.0
1.0
3.0
(in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com